Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTK24BC16Q8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # CTK24BC16Q8
Description  2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CTK24BC16Q8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CTK24BC16Q8 Datasheet HTML 1Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 2Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 3Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 4Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 5Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 6Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 7Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 8Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C705Q8
Issued Date : 2007.08.22
Revised Date :
Page No. : 3/12
CTK24BC01-16Q8
CYStek Product Specification
Pin Descriptions
Serial Data(SDA): The SDA pin used for sending and receiving data bits in serial mode. Since the SDA
pin is defined as an open-drain connection, a pull-up resistor is needed.
Serial Clock(SCL): The SCL input is used to synchronize data input and output with clocked out on the
falling edge of SCL.
Device/Page Addresses(A2, A1, A0): The A2, A1, and A0 pins are used to address multiple devices on a
single bus system and should be hard-wired.
● The CTK24BC01 and CTK24BC02 use the A2, A1 and A0 pins to provide the capability for
addressing up to eight 1K/2K devices on a single bus system (please see the Device Addressing
section for further details)
● The CTK24BC04 uses the A2 and A1 inputs and a total of for 4K device may be addressed on
a single bus system. The A0 pin is not used, but should be grounded if possible.
The CTK24BC08 only uses the A2 input hardware addressing. On a single bus system, a total
of two 8K devices may be addressed. The A0 and A1 pins are not used, but should be grounded
if possible.
The CTK24BC16 does not use the device address pins, so only one device can be connected to a
single bus system. Therefore, the A0, A1, and A2 pins are not used, but should be grounded if
possible.
Write Protect (WP): The CTK24BC01/02/04/08/16 has a Write Protect pin that provides hardware data
protection. When connected to ground, the Write Protect pin allows for normal read/write
operations. If the WP pin is connected to VCC, no data can be overwritten.
Memory Organization
The internal memory organization for the CTK24BC family is arranged differently for each of the densities.
The CTK24BC01, for instance, is internally organized as 16 pages of 8 bytes each and requires a 7-bit data
word address. The CTK24BC16, on the other hand, is organized as 128 pages of 16 bytes each with an
11-bit data word address. The table below summarizes these differences.
Density
# of pages
Bytes per page
Data word address length
CTK24BC01 (1K)
16 pages
8 bytes
7 bits
CTK24BC02 (2K)
32 pages
8 bytes
8 bits
CTK24BC04 (4K)
32 pages
16 bytes
9 bits
CTK24BC08 (8K)
64 pages
16 bytes
10 bits
CTK24BC16 (16K)
128 pages
16 bytes
11 bits
Pin Capacitance
Applicable over recommended operating range :TA=25℃, f=1MHz, VCC=+1.8V
Symbol
Test Condition
Max
Unit
Condition
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O=0V
CIN
Input Capacitance (A0, A1,A2, SCL)
6
pF
VIN=0V
Note : These parameters are characterized and not 100% tested.


Similar Part No. - CTK24BC16Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC16P8 CYSTEKEC-CTK24BC16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK24BC16Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com