Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT900TA1220BK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # FT900TA1220BK
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

FT900TA1220BK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  FT900TA1220BK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
ASSEMBLY - VIEW FROM SIDE
ASSEMBLT - VIEW FROM FRONT
ASSEMBLY - VIEW FROM SIDE
ISOMETRIC VIEW
FT900TA1220BK
ACCESSORIES INCLUDED
Finish - Black Textured Powder Paint
Rated - 230 VAC, 50/60 Hz, 3 Amps
Mounting Instructions
Rear Mount Brackets & Hardware
Free FlowAir Delivery - 900 CFM
Extension Brackets & Hardware
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
FT900TA1220BK
RESSETABLE
CIRCUIT BREAKER
10A, 230V IEC 320. - C14
INLET RECEPTACLE
431.99 mm
[17.008 in]
40.17 mm
[1.582 in]
39.19 mm
[1.543 in]
472.82 mm
[18.615 in]
44.45 mm
[1.750 in]
482.60 mm
[19.000 in]
465.94 mm
[18.344 in]
482.60 mm
[19.000 in]
109.75 mm
[4.321 in]
139.70 mm
[5.500 in]
139.70 mm
[5.500 in]
76.30 mm
[3.004 in]
139.70 mm
[5.500 in]
139.70 mm
[5.500 in]
31.75 mm
[1.250 in]
3.99 mm
[0.157 in]
R2.77 mm
[0.109 in]


Similar Part No. - FT900TA1220BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FT900TA1BK HAMMOND-FT900TA1BK Datasheet
635Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - FT900TA1220BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com