Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144WA3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTA144WA3
Description  PNP Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA144WA3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTA144WA3 Datasheet HTML 1Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 2Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 3Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 4Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 5Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C276A3
Issued Date : 2009.09.22
Revised Date :
Page No. : 2/6
DTA144WA3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
-50
V
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-10
V
Input Voltage
VI
-40~+10
V
IO
-100
mA
Output Current
IO(max.)
-100
mA
Power Dissipation @ TA=25
°C
PD
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65~+150
°C
Operating Ambient Temperature
Tamb
-65~+150
°C
Electrical Characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-1.7
-1.2
V
VCC=-5V, IO=-100μA
Input Voltage
VI(on)
-4
-2.4
-
V
VO=-0.3V, IO=-2mA
Output Voltage
VO(on)
-
-90
-150
mV
IO=-10mA, II=-0.5mA
Input Current
II
-
-
-0.16
mA
VI=-5V
Output Current
IO(off)
-
-
-100
nA
VCC=-50V, VI=0V
Collector Base
Cutoff Current
ICBO
-
-
-100
nA
VCB=-50V, IE=0A
Collector Emitter
Cutoff Current
ICEO
-
-
-500
nA
VCE=-50V, IB=0A
DC Current Gain
GI
60
-
-
-
VO=-5V, IO=-5mA
Input Resistance
R1
32.9
47
61.1
k
Ω
-
Resistance Ratio
R2/R1
0.37
0.47
0.57
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device
Ordering Information
Device
Package
Shipping
Marking
DTA144WA3
TO-92
(Pb-free lead plating and Halogen-free package)
2000 pcs / tape & box
A144W


Similar Part No. - DTA144WA3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144WA ROHM-DTA144WA Datasheet
878Kb / 3P
   DTA/DTC SERIES
More results

Similar Description - DTA144WA3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123Y SECOS-DTA123Y_15 Datasheet
557Kb / 2P
   PNP Digital Transistors
logo
Micro Commercial Compon...
DTA144ECA MCC-DTA144ECA_13 Datasheet
206Kb / 3P
   PNP Digital Transistors
logo
Guangdong Kexin Industr...
KTA143ZKA KEXIN-KTA143ZKA Datasheet
247Kb / 2P
   PNP Digital transistors
logo
Micro Commercial Compon...
DTA114EUA MCC-DTA114EUA_13 Datasheet
190Kb / 2P
   PNP Digital Transistors
DTA143ZUA MCC-DTA143ZUA_13 Datasheet
213Kb / 3P
   PNP Digital Transistors
DTA114ECA MCC-DTA114ECA_13 Datasheet
233Kb / 2P
   PNP Digital Transistors
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
   PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
   PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
   PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
   PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
   Digital transistors (PNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com