Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1554-100 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1554-100
Description  256K NV Y2KC Timekeeping RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1554-100 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1554-100 Datasheet HTML 1Page - Dallas Semiconductor DS1554-100 Datasheet HTML 2Page - Dallas Semiconductor DS1554-100 Datasheet HTML 3Page - Dallas Semiconductor DS1554-100 Datasheet HTML 4Page - Dallas Semiconductor DS1554-100 Datasheet HTML 5Page - Dallas Semiconductor DS1554-100 Datasheet HTML 6Page - Dallas Semiconductor DS1554-100 Datasheet HTML 7Page - Dallas Semiconductor DS1554-100 Datasheet HTML 8Page - Dallas Semiconductor DS1554-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS1554
5 of 21
BATTERY LONGEVITY
The DS1554 has a lithium power source that is designed to provide energy for the clock activity, and
clock and RAM data retention when the VCC supply is not present. The capability of this internal power
supply is sufficient to power the DS1554 continuously for the life of the equipment in which it is
installed. For specification purposes, the life expectancy is 10 years at 25
°C with the internal clock
oscillator running in the absence of VCC. Each DS1554 is shipped from Dallas Semiconductor with its
lithium energy source disconnected, guaranteeing full energy capacity. When VCC is first applied at a
level greater than VPF, the lithium energy source is enabled for battery backup operation. Actual life
expectancy of the DS1554 will be much longer than 10 years since no internal battery energy is
consumed when VCC is present.
INTERNAL BATTERY MONITOR
The DS15543 constantly monitors the battery voltage of the internal batter. The Battery Low Flag (BLF)
bit of the Flags Register (B4 of 7FFF0h) is not writable and should always be a 0 when read. If a 1 is ever
present, an exhausted lithium energy source is indicated and both the contents of the RTC and RAM are
questionable.
POWER-ON RESET
A temperature compensated comparator circuit monitors the level of VCC. When VCC falls to the power
fail trip point, the RST signal (open drain) is pulled low. When VCC returns to nominal levels, the
RST
signal continues to be pulled low for a period of 40 ms to 200 ms. The power-on reset function is
independent of the RTC oscillator and thus is operational whether or not the oscillator is enabled.
CLOCK OPERATIONS
Table 2 and the following paragraphs describe the operation of RTC, alarm, and watchdog functions.


Similar Part No. - DS1554-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1554P/YP/WP MAXIM-DS1554P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1554-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com