Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-46A-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-46A-0
Description  Miniature Plier-Type Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-46A-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-46A-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Miniature Plier-Type Clip
• Solder or crimp connection
• Jaw opens 1.125” (28.6 mm) max
• Material: copper-plated steel (BU-46A) or solid copper (BU-46C), PVC
insulator (BU-46PR-*)
• Length: 2.88” (98.42 mm)
• *Std.Colors: Insulator (BU-46PR-*) in -0 Black, -2 Red
• Rating: 50 Amps (BU-46A) or 75 Amps (BU-46C)
RoHS Compliant
Part Number:
BU-46A-* /BU-46C-*
Description:
Miniature Plier-Type Clip
3507


Similar Part No. - BU-46A-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-46A-033Z ETC2-BU-46A-033Z Datasheet
91Kb / 1P
   Miniature Plier-Type Clip
More results

Similar Description - BU-46A-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
   Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
   Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
   Miniature Plier-Type Clip
BU-46A-033Z ETC2-BU-46A-033Z Datasheet
91Kb / 1P
   Miniature Plier-Type Clip
BU-46PR-0 ETC2-BU-46PR-0 Datasheet
47Kb / 1P
   Insulator for Miniature Plier-Type Clip
BU-40A-0 ETC2-BU-40A-0 Datasheet
57Kb / 1P
   Micro Plier-Type Clip
BU-40C-0 ETC2-BU-40C-0 Datasheet
57Kb / 1P
   Micro Plier-Type Clip
BU-43PR-0 ETC2-BU-43PR-0 Datasheet
48Kb / 1P
   Insulator for Plier-Type Clip
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
   LARGE PLIER CLIP
1680222 ETC2-1680222 Datasheet
121Kb / 1P
   Water Pump Plier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com