Selected language     English  ▼


D-436-0184 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-436-0184
Description  CUSTOMER DRAWING
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
TITLE:
SEALING CAPS
Unless otherwise specified dimensions are in
millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-436-0184/-0186
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
D
DATE:
September 20, 2011
PREPARED BY:
UNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-11-019172
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 1998-2011 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Note A: This end of sleeve may have a 1.20mm (0.50) opening as received. Upon heating, sealing material will flow
sufficiently to close end.
Note B: D-436-0186 has a blue color code dot
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SEALING LINER: Fluorocarbon-based thermoplastic. Color: clear.
APPLICATION
1. These parts are designed for use with Raychem parallel crimp splices to make environment-resistant stub splices in two wires
having a combined insulation diameter less than the “as received” I.D. of the sleeve, and rated for at least +125
C.
2. Temperature range: -55
C to +150C.
Parts may be installed by convection heating.
I.D. of Liner
Insulation Sleeve
Product Dimensions
Product
Name
Received
Min
Recovered
Max
Weight
Grams
Max
Recovered
I.D.
Max
Recovered
Wall
Min
L
max
E
min
D-436-0184
2.15
(0.085)
0.0
(0.00)
0.3
1.37
(0.055)
0.30
(0.012)
21.3
(0.840)
13.0
(0.510)
D-436-0185
4.8
(0.188)
0.0
(0.00)
0.5
2.41
(0.095)
0.33
(0.013)
21.7
(0.855)
13.0
(0.510)
D-436-0186
(Note B)
3.05
(0.120)
0.0
(0.00)
0.4
1.37
(0.055)
0.30
(0.012)
21.3
(0.8.40)
15.25
(0.600)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl