Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2410 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # A2410
Description  Ratings from 10A to 125A @ 24-280 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A2410 Datasheet(HTML) 1 Page - Crydom Inc.,

  A2410 Datasheet HTML 1Page - Crydom Inc., A2410 Datasheet HTML 2Page - Crydom Inc., A2410 Datasheet HTML 3Page - Crydom Inc., A2410 Datasheet HTML 4Page - Crydom Inc., A2410 Datasheet HTML 5Page - Crydom Inc., A2410 Datasheet HTML 6Page - Crydom Inc., A2410 Datasheet HTML 7Page - Crydom Inc., A2410 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DataSheet
Panel Mount
OUTPUT SPECIFICATIONS (1)
125A
110A
90A
75A
50A
25A
10A
Description
Operating Voltage (47-440Hz) [Vrms] (2)
24-280
24-280
24-280
24-280
24-280
24-280
24-280
Transient Overvoltage [Vpk]
600
600
600
600
600
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms] (3)
1
1
1
1
1
1
1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
500
500
500
500
500
Maximum Load Current [Arms] (4)
10
25
50
75
90
110
125
Minimum Load Current [mArms]
150
150
150
150
150
250
250
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
115/120
239/250
597/625
954/1000
1145/1200
1432/1500
1670/1750
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.15
1.15
1.15
1.15
1.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.03
0.8
0.45
0.3
0.27
0.25
0.22
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
66/60
285/259
1770/1621
4555/4150
6560/5976
10249/9338
13950/12709
Minimum Power Factor (at Maximum load)
0.5
0.5
0.5
0.5
0.5
0.5
0.5
AVAILABLE OPTIONS
Control Voltage
A: 90-280 VAC
D: 3-32 VDC
AxxxxE: 18-36 VAC
Rated Load Current
10: 10 Amps
25: 25 Amps
50: 50 Amps
75: 75 Amps
90: 90 Amps
110: 110 Amps
125: 125 Amps
Operating
Voltage
24: 24-280 VAC
Output Frecuency
Blank: 47-440 Hz
4: 400 Hz
Overvoltage Protection
Blank: Not Included
P: Included (8)
Input Status LED
Blank: Not Included
G: Included
Termination
Blank: Screw
F: Quick Connect (7)
K: Round standoffs
10
E
A
4
P
G
Thermal Pad
Blank: Not Included
H: Included
24
K
H
Snubber
Blank: Not Included
S: Included
S
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (9)
-10
Required for valid part number
For options only and not required for valid part number
Series 1 240 VAC
Ratings from 10A to 125A @ 24-280 VAC
SCR output for heavy industrial loads
Zero turn-on or instantaneous turn-on outputs
UL/CSA/VDE Approved, CE Compliant to EN60950-1
Improved SEMS screw and washer
Redesigned housing with anti-rotation barriers
For Generation 3 datasheet click here
AC or DC control
Direct bond copper substrate
EMC compliant to Level 3
Direct power lead frame
Epoxy free design
PRODUCT SELECTION
Control Voltage
10A
25A
50A
75A
90A
110A
125A
3-32 VDC
D2410
D2425
D2450
D2475
D2490
D24110
D24125
90-280 VAC
A2410
A2425
A2450
A2475
A2490
A24110
A24125
18-36 VAC
A2410E
A2425E
A2450E
A2475E
A2490E
A24110E
A24125E
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - A2410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2410 ETC1-A2410 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A2410 CRYDOM-A2410 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A2410 CRYDOM-A2410 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A2410 CRYDOM-A2410 Datasheet
822Kb / 6P
   panel mount
A2410 CRYDOM-A2410 Datasheet
1,017Kb / 8P
   Panel Mount
More results

Similar Description - A2410

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
   Ratings from 12A to 125A 48-530 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com