Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2450 Datasheet(PDF) 6 Page - Crydom Inc.,

Part # A2450
Description  Ratings from 10A to 125A @ 24-280 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A2450 Datasheet(HTML) 6 Page - Crydom Inc.,

  A2450 Datasheet HTML 1Page - Crydom Inc., A2450 Datasheet HTML 2Page - Crydom Inc., A2450 Datasheet HTML 3Page - Crydom Inc., A2450 Datasheet HTML 4Page - Crydom Inc., A2450 Datasheet HTML 5Page - Crydom Inc., A2450 Datasheet HTML 6Page - Crydom Inc., A2450 Datasheet HTML 7Page - Crydom Inc., A2450 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DataSheet
Panel Mount
AGENCY APPROVALS
EN60950 : Meets the requirements of sections 1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7:
Designed in accordance with the requirements of IEC 62314
IEC 61000-4-2 : Electrostatic Discharge – Level 3
IEC 61000-4-4 : Electrically Fast Transients – Level 3
IEC 61000-4-5 : Electrical Surges – Level 3
IEC 60068-2-6 : Vibration 0.33mm and 0.75 mm Amplitude over 10-55 Hz
IEC 60068-2-27 : Shock Resistance 15g/11ms
E116949
LR81689
10143 UG (Not Applicable: -B and 4D)
ACCESORIES
New Accessories!
Protective Cover & Hardware Kits
Protective Cover
Part number: KS101
Clear
plastic
cover
compatible with all new S1
designs. Safety covers
provide added protection
from electric shock when
installing
or
checking
equipment.
Hardware Kit
Part number: HK3
Bag with 2 threaded
standoffs, 2 screws 8-32 x
1/4, and 2 lockwashers
M8 for output, and 2
threaded
standoffs,
2
screws 6-32 x 3/16, and 2
lockwashers M6 for input.
Standoff screws provide additional mounting options
such as "dead bug" mounting, using lug terminals or
wire terminals to the side of the relay.
Hardware Kit
Part number: HK4
Bag with 2 square brass
accessories and 2 screw
8-32 x 5/8 for output. Used
to
mount
TMR1
lug
terminals.
Recommended Accessories
Cover
Hardware
Kit
Heat Sink
Part No.
Thermal Resistance
[ºC/W]
Lug Terminal Thermal Pad
KS101
HK1
HK3
HK4
HS501DR
HS301 / HS301DR
HS251
HS201 / HS201DR
HS172
HS151 / HS151DR
HS103 / HS103DR
HS072
HS053
5.0
3.0
2.5
2.0
1.7
1.5
1.0
0.7
0.5
TRM1
TRM6
HSP-1
HSP-2
Rev. 081913
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - A2450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2450 ETC1-A2450 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A2450 CRYDOM-A2450 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A2450 CRYDOM-A2450 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A2450 CRYDOM-A2450 Datasheet
822Kb / 6P
   panel mount
A2450E CRYDOM-A2450E Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
More results

Similar Description - A2450

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
   Ratings from 12A to 125A 48-530 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com