Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2475 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # A2475
Description  Ratings from 10A to 125A @ 24-280 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A2475 Datasheet(HTML) 2 Page - Crydom Inc.,

  A2475 Datasheet HTML 1Page - Crydom Inc., A2475 Datasheet HTML 2Page - Crydom Inc., A2475 Datasheet HTML 3Page - Crydom Inc., A2475 Datasheet HTML 4Page - Crydom Inc., A2475 Datasheet HTML 5Page - Crydom Inc., A2475 Datasheet HTML 6Page - Crydom Inc., A2475 Datasheet HTML 7Page - Crydom Inc., A2475 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DataSheet
Panel Mount
INPUT SPECIFICATIONS (1)
Description
D24xx
A24xx
A24xxE
Control Voltage Range
3-32 VDC
90-280 Vrms
18-36 Vrms
Maximum Reverse Voltage
-32
-
-
Minimum Turn-On Voltage
3.0 VDC (5)
90 Vrms
18 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
4 Vrms
Minimum Input Current [mA]
7
5
16
Maximum Input Current [mA]
12
10
20
Nominal Input Impedance [Ohms]
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle (6)
20
20
Maximum Turn-Off Time [msec]
1/2 Cycle
30
30
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.6 oz (74.9g)
Housing Material
94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (in-lbs/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (in-lbs/Nm)
18-20 / 2.0-2.2
SSR Mounting Screw Torque Range (in-lbs/Nm)
18-20 / 2.0-2.2
Humidity
85% non-condensing
LED Input Status Indicator
w/”G” option (green)
WIRING DIAGRAM
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (13)
V
4 (– / )
3 (+ / )
1 ( )
2 ( )
AC
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lbs)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Input Current vs Input Voltage
Standard Regulated “DC” Inputs
25
20
15
10
5
0
0
5
10
15
20
25
30
DC Input Voltage
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
AC
AC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
AC/DC
Converter
(10)
(11)
(12)
Diagram: Series 1 AC control
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
(10)
(11)
(12)
Diagram: Series 1 DC control
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - A2475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2475 ETC1-A2475 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A2475 CRYDOM-A2475 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A2475 CRYDOM-A2475 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A2475 CRYDOM-A2475 Datasheet
822Kb / 6P
   panel mount
A2475 CRYDOM-A2475 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
More results

Similar Description - A2475

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
   Ratings from 12A to 125A 48-530 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com