Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH12-11S-0.5SH Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FH12-11S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH12-11S-0.5SH Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FH12-11S-0.5SH Datasheet HTML 4Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 5Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 6Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 7Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 8Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 9Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 10Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 11Page - List of Unclassifed Manufacturers FH12-11S-0.5SH Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
s0.5mm Pitch Vertical mounting Type
(0.15)
1
0.2
1
F
A
B
C
D
E
1.75
4.25
0.5
0.5
2.5
0.5
Mated Cross-sectional Diagram
FPC/FFC Contact Surface
()
()
()
D
E
Unit:mm
CL No.
Part Number
586-0560-2-**
586-0615-2-**
586-0575-0-**
586-0561-5-**
586-0572-1-**
586-0601-8-**
586-0573-4-**
586-0562-8-**
586-0589-4-**
586-0563-0-**
586-0664-8-**
586-0564-3-**
586-0699-2-**
586-0565-6-**
586-0706-6-**
586-0641-2-**
586-0566-9-**
586-0567-1-**
586-0602-0-**
586-0568-4-**
586-0735-4-**
FH12-10S-0.5SV(**)
FH12-12S-0.5SV(**)
FH12-13S-0.5SV(**)
FH12-15S-0.5SV(**)
FH12-16S-0.5SV(**)
FH12-17S-0.5SV(**)
FH12-18S-0.5SV(**)
FH12-20S-0.5SV(**)
FH12-22S-0.5SV(**)
FH12-24S-0.5SV(**)
FH12-26S-0.5SV(**)
FH12-30S-0.5SV(**)
FH12-32S-0.5SV(**)
FH12-33S-0.5SV(**)
FH12-34S-0.5SV(**)
FH12-36S-0.5SV(**)
FH12-40S-0.5SV(**)
FH12-45S-0.5SV(**)
FH12-49S-0.5SV(**)
FH12-50S-0.5SV(**)
FH12-60S-0.5SV(**)
Number of Contacts
10
12
13
15
16
17
18
20
22
24
26
30
32
33
34
36
40
45
49
50
60
A
B
8.4
9.4
9.9
10.9
11.4
11.9
12.4
13.4
14.4
15.4
16.4
18.4
19.4
19.9
20.4
21.4
23.4
25.9
27.9
28.4
33.4
6.9
7.9
8.4
9.4
9.9
10.4
10.9
11.9
12.9
13.9
14.9
16.9
17.9
18.4
18.9
19.9
21.9
24.4
26.4
26.9
31.9
C
4.5
5.5
6.0
7.0
7.5
8.0
8.5
9.5
10.5
11.5
12.5
14.5
15.5
16.0
16.5
17.5
19.5
22.0
24.0
24.5
29.5
6.5
7.5
8.0
9.0
9.5
10.0
10.5
11.5
12.5
13.5
14.5
16.5
17.5
18.0
18.5
19.5
21.5
24.0
26.0
26.5
31.5
8.2
9.2
9.7
10.7
11.2
11.7
12.2
13.2
14.2
15.2
16.2
18.2
19.2
19.7
20.2
21.2
23.2
25.7
27.7
28.2
33.2
F
4
4
4
4
4
4
4
4
8
8
8
8
8
8
8
8
8
8
8
8
8
Note 1 : Embossed tape reel packaging (1,000 pieces/reel).
Order by number of reels.
Note 2 : (**):Specification. Refer to ordering information.
Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1 mm Max.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-11S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-11S-0.5SH HIROSE-FH12-11S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-11S-0.5SH HIROSE-FH12-11S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-11S-0.5SH ETC2-FH12-11S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-11S-0.5SH HIROSE-FH12-11S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-11S-0.5SH55 HIROSE-FH12-11S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-11S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com