Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH12-12S-0.5SH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FH12-12S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH12-12S-0.5SH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FH12-12S-0.5SH Datasheet HTML 1Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 2Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 3Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 4Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 5Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 6Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 7Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 8Page - List of Unclassifed Manufacturers FH12-12S-0.5SH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
sFeatures
1. Ease of Use and Space Savings
Only one finger or 6.9N (Newtons) of force is required
to lock Hirose’s rotational actuator (flip-lock) as
compared to using 2 fingers and 39.2N to close a
FFC/FPC connector from our competition.
The Flip-Lock design also allows customers to place 2
or more connectors side by side as there is no need to
waste additional board space for a side latch.
2. Strengthened Flip-lock Actuator
The standard Flip-Lock requires only 2.0mm height
above the board. A strengthened lock lever is available
which only requires an additional 0.4mm.
3. Supports Thin FPC (0.18mm)
Hirose does not require double-sided FPC to have any
additional strengthening plate or stiffener and can
therefore support a thickness of as little as 0.18mm +/-
0.05.
4. Hirose Ensures Reliability
Hirose’s patented half tuning fork contacts maintain
the required normal force without relying on the
connector housing. With our competitor’s conventional
products the housing walls support the contact force,
which does not provide for long-term reliability.
5. Prevention of Solder Bridge
Excess solder cavity absorbs excessive solder and
avoids solder bridging.
6. Three different assembly types
FH12 is offered in Top & Bottom Contact and Vertical
Mount and offered in both a 0.5mm contact pitch as
well as a 1.0mm contact pitch (bottom contact only).
Rotating One-touch Mechanism
q
w
e
Flip-lock
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12 Series
2010.9
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-12S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-12S-0.5SH HIROSE-FH12-12S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-12S-0.5SH HIROSE-FH12-12S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-12S-0.5SH ETC2-FH12-12S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-12S-0.5SH HIROSE-FH12-12S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-12S-0.5SH55 HIROSE-FH12-12S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-12S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com