Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6363A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS6363A
Description  Three-Channel 7th-Order High-Definition VoltagePlus??Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6363A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMS6363A Datasheet HTML 2Page - Fairchild Semiconductor FMS6363A Datasheet HTML 3Page - Fairchild Semiconductor FMS6363A Datasheet HTML 4Page - Fairchild Semiconductor FMS6363A Datasheet HTML 5Page - Fairchild Semiconductor FMS6363A Datasheet HTML 6Page - Fairchild Semiconductor FMS6363A Datasheet HTML 7Page - Fairchild Semiconductor FMS6363A Datasheet HTML 8Page - Fairchild Semiconductor FMS6363A Datasheet HTML 9Page - Fairchild Semiconductor FMS6363A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363A • Rev. 2.0.2
7
The same method can be used for biased signals. The
Pb and Pr channels are baised to set the DC level to
500mV.
Figure 9. Biased SCART with DC-Coupled Outputs
The same circuits can be used with AC-coupled outputs
if desired.
DVD or
STB
SoC
DAC
Output
75Ω
LCVF
Clamp
Active
0.1μ
0V - 1.4V
220μ
Figure 10. DC-Coupled Inputs, AC-Coupled Outputs
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1μ
0V - 1.4V
75Ω
220μ
Figure 11. AC-Coupled Inputs and Outputs
Figure 12. Biased SCART with AC-Coupled Outputs
Note:
1.
The video tilt or line time distortion is dominated by
the AC-coupling capacitor. The value may need to
be increased beyond 220μF to obtain satisfactory
operation in some applications.
Power Dissipation
The FMS6363A output drive configuration must be
considered when calculating overall power dissipation.
Care must be taken not to exceed the maximum die
junction temperature. The following example can be
used to calculate the power dissipation and internal
temperature rise:
TJ = TA + Pd • JA
(1)
where:
Pd = PCH1 + PCH2 + PCH3
(2)
PCHx = VCC • ICH - (VO
2/R
L)
(3)
where:
VO = 2VIN + 0.280V
(4)
ICH = (ICC/3) + (VO/RL)
(5)
VIN = RMS value of input signal
ICC = 22mA
VCC = 3.3V
RL = channel load resistance
Board layout can also affect thermal characteristics.
Refer to the Layout Considerations section for details.
The FMS6363A is specified to operate with output
currents typically less than 50mA, more than sufficient
for a dual (75Ω) video load. Internal amplifiers are
current limited to a maximum of 100mA and should
withstand brief-duration short-circuit conditions. This
capability is not guaranteed.
LCVF
Clamp
Active
0.1µ
External video
source must
be AC coupled
0V -
220µ
75
75
LCVF
Clamp
Active
0.1µ
External video
source must
be AC coupled
0V -
220µ
75
75


Similar Part No. - FMS6363A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
FMS6363ACSX ONSEMI-FMS6363ACSX Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
More results

Similar Description - FMS6363A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
Fairchild Semiconductor
FMS6363_0512 FAIRCHILD-FMS6363_0512 Datasheet
229Kb / 10P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363_08 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com