Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPS100048-PS Datasheet(PDF) 1 Page - TDK Electronics

Part # FPS100048-PS
Description  1000W Front End Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FPS100048-PS Datasheet(HTML) 1 Page - TDK Electronics

  FPS100048-PS Datasheet HTML 1Page - TDK Electronics FPS100048-PS Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
51
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
FPS1000 Series
Features
 1U high
 Up to 3000W (3 units) in 19” rack
 Hotswap capable (ORing diodes built in)
 Low Cost
 PoE Option
 High efficiency
 Full array of signals
1000W Front End Power Supplies
Model
12V Nominal
24V Nominal
32V Nominal
48V Nominal
Output Voltage Range
(1)
V
10.5 - 13.2V
21.5 - 29V
28.8 - 38.4V
43 - 58V
Output Current
A
72A
40A
31A
21A
Line Regulation
%
<0.4%
Load Regulation
%
<0.8%
Output Noise
mV
150mV
200mV
250mV
300mV
Overvoltage Protection
V
14.3 to 15.7V
31 to 34V
41.5V to 45.5V
62 to 66V
Overcurrent Protection
-
105 - 125%, Constant Current type
Load Sharing
-
Single wire current sharing, up to 8 units
Remote Sense
-
Compenstates for 1V on each output lead
I2C Monitoring
-
Optional (Specify /S)
Signals (opto isolated)
-
DC OK, AC Fail, and Overtemperature warning, high on fail
Remote On/Off
-
On: 0 - 0.6V or short, Off: 2- 15V or open
Auxiliary Output
A
11.2-12.5VDC 0.25A
AC Input
-
85 - 265VAC, 47 - 63Hz2, 120-360VDC* (Derate 10% < 100VAC)
Leakage Current
mA
<1.1mA at 230VAC input
Inrush Current
A
<40A
Hold up time (100VAC input)
-
20ms typical (800W loading)
Efficiency (typ) 100/200VAC
-
80 / 83%
83 / 86%
84 / 87%
85 / 88%
Power Factor Correction
-
EN61000-3-2 class A (20-100% load), >0.98 at full load
Immunity
-
EN61000-4-2, -3, -4, -5, -6, -11
EMC (conducted and radiated)
-
EN55022, level B, FCC Class B
Operating Temperature
°C
0 to +70°C, derate 2%/°C from 50 to 60°C, 2.5%/°C from 60 to 70°C
Storage Temperature
°C
-30 to +85°C
Withstand Voltage
-
Input to Output 3kVAC, Input to Ground 2kVAC, Output to Ground 500VAC for 1 min.
Cooling
-
Two internal fans, airflow from front to back (variable speed)
Humidity
-
Operating: 10 - 90% RH, Storage: 10 - 95% RH (non condensing)
Shock & Vibration
-
Meets ETS 300 019
Safety Agency
-
UL60950-1, EN60950-1 (Ed 2), CE Mark
Input / Output Connector
-
Positronic PCIB24W9M400A1 (Mating #PCIB24W9F400A1)
Front panel indicators
-
AC OK, DC OK, DC Fail
Size (LxWxH)
in
Stand alone: 1.61 x 5 x 11.4”; Rack: 1.72 x 19 x 13.8”
Weight
g
2,000
Warranty
yrs
Two Years
Specifications
(1) Via Trim pin on output connector
(2) 47-440Hz with reduced PFC (100-265VAC input)
Key Market Segments & Applications
*Safety certified for AC input only


Similar Part No. - FPS100048-PS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FPS1000 TDK-FPS1000 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
   AC/DC Front End
FPS1000-12-P TDK-FPS1000-12-P Datasheet
131Kb / 1P
   AC-DC Power Supplies
FPS1000-12-PS TDK-FPS1000-12-PS Datasheet
131Kb / 1P
   AC-DC Power Supplies
FPS1000-12-S TDK-FPS1000-12-S Datasheet
131Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - FPS100048-PS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE1600 TDK-HFE1600 Datasheet
1,001Kb / 2P
   1600W 1U Front End Power Supplies
HFE2500 TDK-HFE2500 Datasheet
1Mb / 2P
   2500W 1U Front End Power Supplies
logo
Bel Fuse Inc.
PFE1500 BEL-PFE1500 Datasheet
2Mb / 27P
   AC-DC FRONT-END POWER SUPPLIES
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
logo
Power-One
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Astrodyne Corporation
SUU100 ASTRODYNE-SUU100 Datasheet
444Kb / 2P
   1000W U-bracket Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com