Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT491ATA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT491ATA
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT491ATA Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT491ATA Datasheet HTML 1Page - Diodes Incorporated FZT491ATA Datasheet HTML 2Page - Diodes Incorporated FZT491ATA Datasheet HTML 3Page - Diodes Incorporated FZT491ATA Datasheet HTML 4Page - Diodes Incorporated FZT491ATA Datasheet HTML 5Page - Diodes Incorporated FZT491ATA Datasheet HTML 6Page - Diodes Incorporated FZT491ATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FZT491A
Document number: DS33136 Rev. 3 - 2
2 of 7
www.diodes.com
October 2012
© Diodes Incorporated
FZT491A
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
1
A
Base Current
IB
200
mA
Peak Pulse Current
ICM
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
2
W
(Note 7)
3
W
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
62.5
°C/W
(Note 7)
41.7
°C/W
Thermal Resistance, Junction to Leads (Note 8)
RθJL
19.41
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
6. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; device measured when
operating in steady state condition.
7. Same as note (6), except the device is mounted on 50mm X 50mm single sided 2oz weight copper.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - FZT491ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT491A ZETEX-FZT491A Datasheet
22Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT491A DIODES-FZT491A_15 Datasheet
728Kb / 7P
   40V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT491ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
   400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
   30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT489 DIODES-FZT489 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT491 DIODES-FZT491 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
FZT657TA ETC2-FZT657TA Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FZT491A ZETEX-FZT491A Datasheet
22Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT657 DIODES-FZT657 Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT493 DIODES-FZT493 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com