Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1643-100 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1643-100
Description  Nonvolatile Timekeeping RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1643-100 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1643-100 Datasheet HTML 1Page - Dallas Semiconductor DS1643-100 Datasheet HTML 2Page - Dallas Semiconductor DS1643-100 Datasheet HTML 3Page - Dallas Semiconductor DS1643-100 Datasheet HTML 4Page - Dallas Semiconductor DS1643-100 Datasheet HTML 5Page - Dallas Semiconductor DS1643-100 Datasheet HTML 6Page - Dallas Semiconductor DS1643-100 Datasheet HTML 7Page - Dallas Semiconductor DS1643-100 Datasheet HTML 8Page - Dallas Semiconductor DS1643-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1643
041697 4/11
DS1643 REGISTER MAP – BANK1 Table 2
ADDRESS
DATA
FUNCTION
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
1FFF
YEAR
00–99
1FFE
X
X
X
MONTH
01–12
1FFD
X
X
DATE
01–31
1FFC
X
FT
X
X
X
DAY
01–07
1FFB
X
X
HOUR
00–23
1FFA
X
MINUTES
00–59
1FF9
OSC
SECONDS
00–59
1FF8
W
R
X
X
X
X
X
X
CONTROL
A
OSC = STOP BIT
R
=
READ BIT
FT =
FREQUENCY TEST
W
= WRITE BIT
X
=
UNUSED
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1643 is in the read mode whenever WE (write
enable) is high and CE (chip enable) is low. The device
architecture allows ripple-through access to any of the
address locations in the NV SRAM. Valid data will be
available at the DQ pins within tAA after the last address
input is stable, providing that the CE and OE access
times and states are satisfied. If CE or OE access times
are not met, valid data will be available at the latter of
chip enable access (tCEA) or at output enable access
time (tOEA). The state of the data input/output pins (DQ)
is controlled by CE and OE. If the outputs are activated
before tAA, the data lines are driven to an intermediate
state until tAA. If the address inputs are changed while
CE and OE remain valid, output data will remain valid for
output data hold time (tOH) but will then go indeterminate
until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1643 is in the write mode whenever WE and CE
are in their active state. The start of a write is referenced
to the latter occurring transition of WE or CE. The ad-
dresses must be held valid throughout the cycle. CE or
WE must return inactive for a minimum of tWR prior to
the initiation of another read or write cycle. Data in must
be valid tDS prior to the end of write and remain valid for
tDH afterward. In a typical application, the OE signal will
be high during a write cycle. However, OE can be active
provided that care is taken with the data bus to avoid bus
contention. If OE is low prior to WE transitioning low the
data bus can become active with read data defined by
the address inputs. A low transition on WE will then dis-
able the outputs tWEZ after WE goes active.


Similar Part No. - DS1643-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643-100 DALLAS-DS1643-100 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1643-100 MAXIM-DS1643-100 Datasheet
225Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 12/09
DS1643-100 MAXIM-DS1643-100 Datasheet
209Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 5/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643-100 ARTSCHIP-DS1643-100 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1643-100++ MAXIM-DS1643-100+ Datasheet
225Kb / 17P
   Nonvolatile Timekeeping RAMs
Rev 12/09
More results

Similar Description - DS1643-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
   Nonvolatile Timekeeping RAM?
DS1647 DALLAS-DS1647 Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com