Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF70ACC201209 Datasheet(PDF) 3 Page - TDK Electronics

Part # HF70ACC201209
Description  Chip Beads For Power Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF70ACC201209 Datasheet(HTML) 3 Page - TDK Electronics

  HF70ACC201209 Datasheet HTML 1Page - TDK Electronics HF70ACC201209 Datasheet HTML 2Page - TDK Electronics HF70ACC201209 Datasheet HTML 3Page - TDK Electronics HF70ACC201209 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
001-03 / 20110929 / e9413_acc.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
HF70ACC201209
HF50ACC201209
HF30ACC201209
HF70ACC321611
HF50ACC321611
HF30ACC321611
HF70ACC322513
HF50ACC322513
HF30ACC322513
TEST EQUIPMENT:RF IMPEDANCE ANALYZER YHP4191A
Shape
Part No.
Impedance
(
)[100MHz]
DC
resistance
(
)max.
Rated
current
(A)max.
201209
HF70ACC201209
10±25%
0.03
1.5
HF50ACC201209
11±25%
0.03
1.5
HF30ACC201209
7±25%
0.03
1.5
321611
HF70ACC321611
26±25%
0.04
1.5
HF50ACC321611
31±25%
0.04
1.5
HF30ACC321611
19±25%
0.04
1.5
322513
HF70ACC322513
52±25%
0.05
1.5
HF50ACC322513
60±25%
0.05
1.5
HF30ACC322513
31±25%
0.05
1.5
453215
HF70ACC453215
120±25%
0.05
1.5
HF50ACC453215
125±25%
0.05
1.5
HF30ACC453215
70±25%
0.05
1.5
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000


Similar Part No. - HF70ACC201209

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACC201209 TDK-HF70ACC201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
97Kb / 8P
   Chip Beads
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
97Kb / 8P
   Chip Beads
HF70ACC201209-T TDK-HF70ACC201209-T_15 Datasheet
97Kb / 8P
   Chip Beads
More results

Similar Description - HF70ACC201209

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ0603 TDK-MPZ0603 Datasheet
334Kb / 13P
   Chip Beads For power line MPZ series
KPZ1608-HR TDK-KPZ1608-HR Datasheet
187Kb / 4P
   Chip beads For power line Soft termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com