Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1669 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1669
Description  Dallastat Electronic Digital Rheostat
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1669 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1669 Datasheet HTML 2Page - Dallas Semiconductor DS1669 Datasheet HTML 3Page - Dallas Semiconductor DS1669 Datasheet HTML 4Page - Dallas Semiconductor DS1669 Datasheet HTML 5Page - Dallas Semiconductor DS1669 Datasheet HTML 6Page - Dallas Semiconductor DS1669 Datasheet HTML 7Page - Dallas Semiconductor DS1669 Datasheet HTML 8Page - Dallas Semiconductor DS1669 Datasheet HTML 9Page - Dallas Semiconductor DS1669 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1669
9 of 10
ANALOG RESISTOR CHARACTERISTICS
(-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End
Resistor Tolerance
-20
+20
%
14
Absolute Linearity
-0.75
+0.75
LSB
11
Relative Linearity
-0.3
+0.3
LSB
12
-3 dB Cutoff
Frequency Noise
Figure
fcutoff
Hz
13
Temperature
Coefficient
750
ppm/C
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF6
Output Capacitance
COUT
7pF6
TIMING DIAGRAMS Figure 5
tCPW


Similar Part No. - DS1669

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
70Kb / 10P
   ELECTRONIC DIGITAL RHEOSTAT
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
logo
Dallas Semiconductor
DS1669-050 DALLAS-DS1669-050 Datasheet
70Kb / 10P
   ELECTRONIC DIGITAL RHEOSTAT
logo
Maxim Integrated Produc...
DS1669-10 MAXIM-DS1669-10 Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
DS1669-10++ MAXIM-DS1669-10+ Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
More results

Similar Description - DS1669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
   3V Dallastat Electronic Digital Rheostat
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
   ELECTRONIC DIGITAL RHEOSTAT
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com