Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMR2300-D20-232-DEMO Datasheet(PDF) 9 Page - Honeywell Accelerometers

Part # HMR2300-D20-232-DEMO
Description  Smart Digital Magnetometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMR2300-D20-232-DEMO Datasheet(HTML) 9 Page - Honeywell Accelerometers

Back Button HMR2300-D20-232-DEMO Datasheet HTML 4Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 5Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 6Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 7Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 8Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 9Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 10Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 11Page - Honeywell Accelerometers HMR2300-D20-232-DEMO Datasheet HTML 12Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HMR2300
www.honeywell.com
9
DEVICE ID
The Device ID command (*ddID=nn) will change the HMR2300 ID number. A Write Enable (*ddWE) command is required
before the device ID can be changed. This is required for RS-485 operation when more than one HMR2300 is on a
network. A Device ID = 99 is universal and will simultaneously talk to all units on a network.
BAUD RATE COMMAND
The Baud Rate command (*dd!BR=F or S) will change the HMR2300 baud rate to either fast (19,200 baud) or slow (9600
baud). A Write Enable (*ddWE) command is required before the baud rate can be changed. The last response after this
command has been accepted will be either BAUD=9600 or BAUD=19,200. This will indicate to the user to change to the
identified new baud rate before communications can resume.
ZERO READING COMMAND
The Zero Reading command (*ddZN) will take a magnetic reading and store it in the HMR2300’s microcontroller. This
value will be subtracted from subsequent readings as an offset. The zero reading will be terminated with another
command input(*ddZF) or a power down condition. This feature is useful for setting a reference attitude or nulling the
earth
’s field before anomaly detection.
SET/RESET AND AVERAGE COMMANDS
The set-reset function generates a current/magnetic field pulse to each sensor to realign the permalloy thin film
magnetization. This yields the maximum output sensitivity for magnetic sensing. This pulse is generated inside the
HMR2300 and consumes less than 1mA typically. The Set/Reset Mode command (*ddTN or *ddT) activates an internal
switching circuit that flips the current in a “Set” and “Reset” condition. This cancels out any temperature drift effects and
ensures the sensors are operating in their most sensitive region.
Fluctuations in the magnetic readings can be reduced by using the Average Readings commands (*ddVN or *ddV). These
commands provide a low pass filter effect on the output readings that reduces noise due to Set/Reset switching and other
environmental magnetic effects. The two figures below show the average readings effect for step and impulse responses.
Switching the set-reset state is not required to sense magnetic fields. A single Set (or Reset) pulse will maximize the
output sensitivity and it will stay that way for months or years. To turn off the internal switching, enter the command *ddTF
or *ddT. In this state the sensors are either in a Set or Reset mode. If the HMR2300 is exposed to a large magnetic field
(>10 gauss), then another set pulse is required to maximize output sensitivity.
In the Set mode, the direction of the sensitive axis’ are shown on the enclosure label and the board dimensions figure. In
the Reset mode, the sensitive field directions are opposite to those shown. By typing *dd], the user can manually activate
a Set or Reset pulse. The S/R pulse commands can be used the continuous read mode to flip between a Set and Reset
state. Note that the first three readings immediately after these commands will be invalid due to the uncertainty of the
current pulse to the sensor sample time.
DEFAULT AND RESTORE COMMANDS
The Defaut Settings command (*ddD) will force the HMR2300 to all the default parameters. This will not be a permanent
change unless a Store Parameter command (*ddSP) is issued after the Write Enable command. The Restore Settings
command (*ddRST) will force the HMR2300 to all the stored parameters in the EEPROM.


Similar Part No. - HMR2300-D20-232-DEMO

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-422 HONEYWELL-HMR2300R-422 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-485 HONEYWELL-HMR2300R-485 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
More results

Similar Description - HMR2300-D20-232-DEMO

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
   3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
   3D Magnetometer
Version 1.2
logo
Melexis Microelectronic...
MLX90393 MELEXIS-MLX90393 Datasheet
618Kb / 27P
   Micropower Triaxis Magnetometer
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
328Kb / 3P
   High-performance magnetometer
Version_1.0_102022
logo
PCE Instruments.
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
   Magnetometer PCE-MFM 2400
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com