Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS6W183B Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NS6W183B
Description  SPECIFICATIONS FOR WHITE LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS6W183B Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NS6W183B Datasheet HTML 1Page - NICHIA CORPORATION NS6W183B Datasheet HTML 2Page - NICHIA CORPORATION NS6W183B Datasheet HTML 3Page - NICHIA CORPORATION NS6W183B Datasheet HTML 4Page - NICHIA CORPORATION NS6W183B Datasheet HTML 5Page - NICHIA CORPORATION NS6W183B Datasheet HTML 6Page - NICHIA CORPORATION NS6W183B Datasheet HTML 7Page - NICHIA CORPORATION NS6W183B Datasheet HTML 8Page - NICHIA CORPORATION NS6W183B Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NICHIA STS-DA1-2736A <Cat.No.130410>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
800
mA
Pulse Forward Current
IFP
900
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
2.88
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
135
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=350mA
3.0
-
V
Luminous Flux
Φv
IF=350mA
147
-
lm
Luminous Intensity
Iv
IF=350mA
48
-
cd
Rnn
Color Rendering Index
Ra
IF=350mA
-
-
-
Luminous Flux
Φv
IF=350mA
143
-
lm
Luminous Intensity
Iv
IF=350mA
46
-
cd
R70
Color Rendering Index
Ra
IF=350mA
75
-
-
Luminous Flux
Φv
IF=350mA
133
-
lm
Luminous Intensity
Iv
IF=350mA
43
-
cd
R8000
Color Rendering Index
Ra
IF=350mA
85
-
-
x
-
IF=350mA
0.344
-
-
Chromaticity Coordinate
y
-
IF=350mA
0.355
-
-
Thermal Resistance
RθJS
-
6
9
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.


Similar Part No. - NS6W183B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NS6W183BT NICHIA-NS6W183BT Datasheet
361Kb / 22P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NS6W183B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com