Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPB300B Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSPB300B
Description  SPECIFICATIONS FOR BLUE LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPB300B Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSPB300B_14 Datasheet HTML 2Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 3Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 4Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 5Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 6Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 7Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 8Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 9Page - NICHIA CORPORATION NSPB300B_14 Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NICHIA STS-DA1-2382 <Cat.No.120330>
5
SOLDERING
• Recommended Hand Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
Position
No closer than 3mm from
the base of the lens.
• Recommended Dip Soldering Condition
Pre-Heat
120°C Max
Pre-Heat Time
60sec Max
Solder Bath
Temperature
260°C Max
Dipping Time
10sec Max
Dipping Position
No closer than 3mm from
the base of the lens.
* For a better thermal performance, copper alloy is used for the leadframe of the product.
Care must be taken for the soldering conditions and handling of the products after soldering.
* Solder the LED no closer than 3mm from the base of the lens.
Soldering beyond the base of the tie bar is recommended.
* Dip soldering/hand soldering must not be performed more than once.
* Care should be taken to avoid cooling at a rapid rate and ensure the peak temperature ramps down slowly.
* When soldering, do not apply stress to the lead frame while the LED is hot.
* After soldering, the LED position must not be corrected.
* After soldering, NO mechanical shock or vibration should be applied to LED lens
until the LEDs cool down to room temperature.
* In order to avoid damage on the lens during cutting and clinching the leads,
it is not recommended to solder the LEDs directly on customer PCB without any gap between the lens and the board.
If it is unavoidable, customer is advised to check whether such soldering will not cause wire breakage or lens damage.
Direct soldering to double-sided PCBs must be avoided due to an increased effect of heat on the lens.
* When it is necessary to clamp the LEDs to prevent soldering failure,
it is important to minimize the mechanical stress on the LEDs.
* Cut the LED lead frames at room temperature. Cutting the lead frames at high temperature may cause failure of the LEDs.


Similar Part No. - NSPB300B_14

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NSPB300B AAEON-NSPB300B_15 Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
More results

Similar Description - NSPB300B_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSB046AT NICHIA-NHSB046AT_14 Datasheet
318Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NHSB064 NICHIA-NHSB064 Datasheet
297Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NESB064T NICHIA-NESB064T_14 Datasheet
331Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NHSB046T NICHIA-NHSB046T_14 Datasheet
320Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NSPB336AS NICHIA-NSPB336AS Datasheet
244Kb / 16P
   SPECIFICATIONS FOR BLUE LED
NSPB346LS NICHIA-NSPB346LS Datasheet
256Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NCSB119T NICHIA-NCSB119T Datasheet
317Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NSSB064T NICHIA-NSSB064T_14 Datasheet
299Kb / 17P
   SPECIFICATIONS FOR BLUE LED
NSPB510BS NICHIA-NSPB510BS Datasheet
239Kb / 16P
   SPECIFICATIONS FOR BLUE LED
NLSB06S01-E NICHIA-NLSB06S01-E Datasheet
272Kb / 9P
   SPECIFICATIONS FOR BLUE STANDARD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com