Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPE310S Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPE310S
Description  SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPE310S Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPE310S Datasheet HTML 5Page - NICHIA CORPORATION NSPE310S Datasheet HTML 6Page - NICHIA CORPORATION NSPE310S Datasheet HTML 7Page - NICHIA CORPORATION NSPE310S Datasheet HTML 8Page - NICHIA CORPORATION NSPE310S Datasheet HTML 9Page - NICHIA CORPORATION NSPE310S Datasheet HTML 10Page - NICHIA CORPORATION NSPE310S Datasheet HTML 11Page - NICHIA CORPORATION NSPE310S Datasheet HTML 12Page - NICHIA CORPORATION NSPE310S Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
057081
Directivity
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
■ 指向特性
Directivity
1
0.5
0
0.5
1
NSPE310(S)
100309
初期電気/光学特性
CHARACTERISTICS
型名
Model
管理番号
No.
NICHIA CORPORATION
日亜化学工業 (株)
名称
Title
Ifxy
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.00 0.05 0.10 0.15 0.20 0.25 0.30
x
■ 順電流-色度(主波長)特性
Forward Current vs.
Chromaticity Coordinate (λD)
Ta=25℃
IfλD
491
494
497
500
503
506
509
1
10
100
1000
■ 順電流-主波長特性
Forward Current vs.
Dominant Wavelength
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
1.2
350 400 450 500 550 600 650
波長 λ (nm)
Wavelength λ (nm)
■ 発光スペクトル
Spectrum
TaλD
491
494
497
500
503
506
509
-60 -30
0
30
60
90
120
周囲温度 Ta (℃)
Ambient Temperature Ta (℃)
■ 周囲温度-主波長特性
Ambient Temperature vs.
Dominant Wavelength
相対光度 (a.u.)
Relative Luminosity (a.u.)
Ta=25℃
順電流 IFP (mA)
Forward Current IFP (mA)
Ta=25℃
10mA
IFP=
10mA
IFP=
Ta=25℃
10mA
IF=
1mA(505nm)
5mA(502nm)
10mA(500nm)
35mA(496nm)
110mA(493nm)
110


Similar Part No. - NSPE310S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE330M10V10X10.8TR13F NIC-NSPE330M10V10X10.8TR13F Datasheet
35Kb / 2P
   Hybrid Surface Mount Aluminum Electrolytic Capacitors
NSPE330M10V6.3X6.3TR13F NIC-NSPE330M10V6.3X6.3TR13F Datasheet
35Kb / 2P
   Hybrid Surface Mount Aluminum Electrolytic Capacitors
NSPE330M10V8X10.8TR13F NIC-NSPE330M10V8X10.8TR13F Datasheet
35Kb / 2P
   Hybrid Surface Mount Aluminum Electrolytic Capacitors
NSPE330M4V10X10.8TR13F NIC-NSPE330M4V10X10.8TR13F Datasheet
35Kb / 2P
   Hybrid Surface Mount Aluminum Electrolytic Capacitors
NSPE330M4V6.3X6.3TR13F NIC-NSPE330M4V6.3X6.3TR13F Datasheet
35Kb / 2P
   Hybrid Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NSPE310S

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NSPE510DS AAEON-NSPE510DS Datasheet
480Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
NSPE510DS AAEON-NSPE510DS_15 Datasheet
480Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
logo
List of Unclassifed Man...
NSPE510 ETC-NSPE510 Datasheet
394Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH GREEN LED
NSPE590S ETC-NSPE590S Datasheet
306Kb / 15P
   NICHIA BLUISH GREEN LED
logo
NICHIA CORPORATION
NCSE119AT NICHIA-NCSE119AT Datasheet
333Kb / 17P
   SPECIFICATIONS FOR BLUISH-GREEN LED
NEPE510JS NICHIA-NEPE510JS Datasheet
244Kb / 16P
   SPECIFICATIONS FOR BLUISH-GREEN LED
logo
AAEON Technology
NSPG310B AAEON-NSPG310B Datasheet
486Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG510AS AAEON-NSPG510AS Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG520AS AAEON-NSPG520AS Datasheet
201Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com