Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1623 Datasheet(PDF) 4 Page - NEC

Part # 2SC1623
Description  AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC1623 Datasheet(HTML) 4 Page - NEC

  2SC1623 Datasheet HTML 1Page - NEC 2SC1623 Datasheet HTML 2Page - NEC 2SC1623 Datasheet HTML 3Page - NEC 2SC1623 Datasheet HTML 4Page - NEC 2SC1623 Datasheet HTML 5Page - NEC 2SC1623 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC1623
4
IC - Collector Current - mA
NORMALIZED h-PARAMETER vs.
COLLECTOR CURRENT
hie
hre
hfe
hoe
hie
hre
hfe
hoe
VCE = 6.0 V
f = 1.0 kHz
he(IC)
he(IC = 1.0 mA)
He =
10
2
5
1
0.2
0.5
0.1
0.1
0.2
0.5
1
2
5
10
ICE = 1.0 V
f = 1.0 kHz
he(VCE)
he(VCE = 6 V)
He =
3
2
1
0
VCE - Collector to Emitter Voltage - V
NORMALIZED h-PARAMETER vs.
COLLECTOR TO EMITTER VOLTAGE
10
20
30
hoe
hre
hfe hie
hfe hie
hre
hoe


Similar Part No. - 2SC1623

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
   NPN General Purpose Transistors
logo
GUANGDONG HOTTECH INDUS...
2SC1623 HOTTECH-2SC1623 Datasheet
190Kb / 2P
   Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC1623 DGNJDZ-2SC1623 Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC1623 MCC-2SC1623 Datasheet
62Kb / 1P
   NPN Silicon Epitaxial Transistors
logo
Galaxy Semi-Conductor H...
2SC1623 BILIN-2SC1623 Datasheet
172Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC1623

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC1623 UTC-2SC1623 Datasheet
120Kb / 2P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
logo
NEC
2SA812 NEC-2SA812 Datasheet
241Kb / 4P
   AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD596 NEC-2SD596 Datasheet
249Kb / 4P
   AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD596A NEC-2SD596A Datasheet
541Kb / 4P
   AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD780 NEC-2SD780 Datasheet
179Kb / 4P
   AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1622A NEC-2SC1622A Datasheet
234Kb / 4P
   AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4177 NEC-2SC4177 Datasheet
256Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC2223 NEC-2SC2223 Datasheet
222Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SB624 NEC-2SB624 Datasheet
256Kb / 4P
   AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com