Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPW300DS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPW300DS
Description  SPECIFICATIONS FOR WHITE LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW300DS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPW300DS_14 Datasheet HTML 1Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 2Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 3Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 4Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 5Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 6Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 7Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 8Page - NICHIA CORPORATION NSPW300DS_14 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NICHIA STS-DA1-1459 <Cat.No.110221>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
105
mW
Operating Temperature
Topr
-30~85
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
100
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Unit
Forward Voltage
VF
IF=20mA
3.2
V
Luminous Intensity
Iv
IF=20mA
12.9
cd
x
-
IF=20mA
0.31
-
Chromaticity Coordinate
y
-
IF=20mA
0.32
-
* Characteristics at TA=25°C.
* Luminous Intensity value is traceable to the CIE 127:2007-compliant national standards.
* The Chromaticity Coordinates are derived from the CIE 1931 Chromaticity Diagram.


Similar Part No. - NSPW300DS_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW300DS NICHIA-NSPW300DS Datasheet
217Kb / 15P
   WHITE LED
logo
Marl International Limi...
NSPW300DS MARL-NSPW300DS Datasheet
485Kb / 14P
   WHITE LED
More results

Similar Description - NSPW300DS_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com