Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6HU-2-DC5 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6HU-2-DC5
Description  Ultra-compact, Ultra-sensitive DPDT Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6HU-2-DC5 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6HU-2-DC5 Datasheet HTML 1Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 2Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 3Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 4Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 5Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 6Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 7Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 8Page - Omron Electronics LLC G6HU-2-DC5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Signal Relay
G6H
51
DISCONTINUED
■ Characteristics
Note: 1. The contact resistance was measured with 10 mA at 1 VDC with a fall-of-potential method.
2. Values in parentheses are typical values unless otherwise stated.
3. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those for checking the dielectric strength.
(The insulation resistance between the set and reset coil (G6HK-2), however, is 100M
Ω min. when measured with a 125-VDC megohmmeter).
4. The above values are initial values.
■ Approvals
UL Recognized (File No. E41515) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40
°C
Note: 1. The rated values approved by each of the safety standards (e.g., UL, CSA, TUV) may be different from the performance characteristics
individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
Contact resistance (See note 1)
50 m
Ω max. (through-hole); 60 mΩ max. (surface mount)
Operate (set) time (See note 2)
Non-latching: 3 ms max. (approx. 2.0 ms)
Latching: 3ms max. (approx. 1.5 ms)
Release (reset) time (See note 2)
Non-latching: 2 ms max. (approx. 1.0 ms)
Latching: 3ms max. (approx. 1.5 ms)
Min. set/reset signal width
5ms min. (at 23
°C)
Operating frequency
(max.)
Mechanical
36,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance (See note 3)
1,000 M
Ω max. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute between coil and contacts
1,000 VAC, 50/60 Hz for 1 minute between contacts of different poles
750 VAC, 50/60 Hz for 1 minute between contacts of same pole
125 VAC, 50/60 Hz for 1 minute between set and reset coils (G6HK-2)
Surge withstand voltage
1,500 V (10 x 160
μs) between contacts of same polarity (conforms to FCC Part 68)
Vibration
Mechanical durability 10 to 55 Hz; 5 mm double amplitude
Malfunction durability 10 to 55 Hz; 3 mm double amplitude
Shock
Mechanical durability 1,000 m/s2 (approx. 100 G)
Malfunction durability 500 m/s2 (approx. 50 G)
Ambient temperature
-40
° to 70°C with no icing
Humidity
5% to 85% RH
Service life
Mechanical
100 million operations min. (at 36,000 operations/hr)
Electrical
200,000 operations min. (at 1,800 operations/hr) See “Characteristic Data”
Weight
Approx. 1.5 g
Type
Contact form
Coil rating
Contact ratings
G6H-2(F)
G6HU-2
G6HK-2
DPDT
1.50 to 48 VDC
2 A, 30 VDC
0.30 A, 110 VDC
0.50 A, 125 VAC


Similar Part No. - G6HU-2-DC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6HU-2-U12VDC OMRON-G6HU-2-U12VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-U24VDC OMRON-G6HU-2-U24VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-U3VDC OMRON-G6HU-2-U3VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-U5VDC OMRON-G6HU-2-U5VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-U6VDC OMRON-G6HU-2-U6VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6HU-2-DC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H OMRON-G6H Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com