Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6JU-2FL-Y Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6JU-2FL-Y
Description  Ultra-compact and Slim DPDT Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6JU-2FL-Y Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G6JU-2FL-Y Datasheet HTML 4Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 5Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 6Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 7Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 8Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 9Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 10Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 11Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
50
Surface-mounting Relay
G6J-Y
Stick Packing and Tape Packing
1. Stick Packing
Relays in stick packing are arranged so that the orientation mark of
each Relay is on the left side.
Always confirm that the Relays are in the correct orientation when
mounting the Relays to the PCBs.
Stick length: 555 mm (stopper not included)
No. of Relays per stick: 50
2. Tape Packing (Surface-mounting Terminal
Relays)
When ordering Relays in tape packing, add the prefix “-TR” to the
model number, otherwise the Relays in stick packing will be provided.
Direction of Relay Insertion
Reel Dimensions
Carrier Tape Dimensions
Tape type:
TB2412R (EIAJ (Electronic Industrial Association
of Japan))
Reel type:
R24D (EIAJ (Electronic Industrial Association of
Japan))
Relays per reel:
400
Stopper (gray)
Orientation of Relays
Stopper (green)
Pulling Direction
Top tape (cover tape)
Carrier tape
Embossed tape
Pulling
direction
Orientation mark
25.5
±0.5
29.5
±1
80
330
R1
A
21
dia.
2
±0.5
13
±0.2 dia.
±0.5
Enlarged View of Section A
1.5
dia.
+0.1
0
16
±0.1
4
±0.1
2
±0.1
6.2
±0.1
8.3
±0.1
5
° max.
B
B
A
A
A-A Cross Section
24
±0.2
11.1
±0.1 6.3±0.1
10.2
±0.1
0.4
±0.05
1.75
±0.1
5
° max.
5
° max.
B-B Cross Section
11.5
±0.1
G6J-2FS-Y, G6JU-2FS-Y
G6J-2FL-Y, G6JU-2FL-Y
1.5
dia.
+0.1
0
A-A Cross Section
5
° max.
B-B Cross Section
16
±0.1
4
±0.1
24
±0.2
11.1
±0.1 6.3±0.1
10.2
±0.1
0.4
±0.05
11.5
±0.1
1.75
±0.1
2
±0.1
7.9
±0.1
10
±0.1
B
B
A
A
5
° max.
5
° max.


Similar Part No. - G6JU-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6JU-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H OMRON-G6H Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com