Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51103-0600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51103-0600
Description  2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51103-0600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51103-0600 Datasheet HTML 1Page - Molex Electronics Ltd. 51103-0600 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51103-0600
Status:
Active
Description:
2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6 Circuits
Documents:
3D Model
Product Specification PS-51103-025 (PDF)
Drawing (PDF)
Product Specification PS-51103-026 (PDF)
Product Specification PS-51103-001 (PDF)
Product Specification PS-51103-027 (PDF)
Product Specification PS-51103-002 (PDF)
Product Specification PS-51103-028 (PDF)
Product Specification PS-51103-005 (PDF)
Product Specification PS-51198-003 (PDF)
Product Specification PS-51103-006 (PDF)
Packaging Specification SPK-51103-001 (PDF)
Product Specification PS-51103-024 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51103
Application
Signal, Wire-to-Board, Wire-to-Wire
MolexKits
Yes
Product Name
N/A
UPC
800754365642
Physical
Circuits (maximum)
6
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
476.900/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51103-001
Product Specification
PS-51103-001, PS-51103-002, PS-51103-005,
PS-51103-006, PS-51103-024, PS-51103-025,
PS-51103-026, PS-51103-027, PS-51103-028,
PS-51198-003, RPS-51103-001, RPS-51103-003,
RPS-51103-009, RPS-51103-010, RPS-51103-011,
RPS-51103-012, RPS-51103-018, RPS-51103-021,
RPS-51103-022, RPS-51103-027, RPS-51103-032,
RPS-51103-033, RPS-51103-034, RPS-51103-039,
RPS-51103-041, RPS-51103-043, RPS-51103-044,
RPS-51103-046, RPS-51103-047, RPS-51103-049,
RPS-51103-050, RPS-51103-051, RPS-51103-053,
RPS-51103-054, RPS-51103-056, RPS-51103-057,
RPS-51103-059, RPS-51163-004, RPS-53375-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51103Series
Mates With
51198 , 53375 , 53426 , 53517 , 53608
Use With
50351 , 50752


Similar Part No. - 51103-0600

ManufacturerPart #DatasheetDescription
logo
MolexKits
51103-0600 MOLEXKITS-51103-0600 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
51103-0600 MOLEXKITS-51103-0600 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Right Angle Header and Receptacle
51103-0600 MOLEXKITS-51103-0600 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical Header and Receptacle
51103-0600 MOLEXKITS-51103-0600 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Molex Electronics Ltd.
51103-0600 MOLEX7-51103-0600 Datasheet
320Kb / 7P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6Circuits
More results

Similar Description - 51103-0600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500592-0600 MOLEX11-500592-0600 Datasheet
36Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6 Circuits
5005920600 MOLEX11-5005920600 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6 Circuits
35572-1002 MOLEX11-35572-1002 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0500 MOLEX11-35572-0500 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0600 MOLEX11-35572-0600 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-1200 MOLEX11-35572-1200 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-1000 MOLEX11-35572-1000 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0800 MOLEX11-35572-0800 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0900 MOLEX11-35572-0900 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
35572-0400 MOLEX11-35572-0400 Datasheet
39Kb / 1P
   2.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, Nylon 6/6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com