Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UD28XK Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1UD28XK
Description  Energy Saving Type Low Dissipation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UD28XK Datasheet(HTML) 5 Page - Sharp Corporation

  GP1UD28XK Datasheet HTML 1Page - Sharp Corporation GP1UD28XK Datasheet HTML 2Page - Sharp Corporation GP1UD28XK Datasheet HTML 3Page - Sharp Corporation GP1UD28XK Datasheet HTML 4Page - Sharp Corporation GP1UD28XK Datasheet HTML 5Page - Sharp Corporation GP1UD28XK Datasheet HTML 6Page - Sharp Corporation GP1UD28XK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GP1UD26XK Series/GP1UD27XK Series/GP1UD28XK Series/GP1UD28YK Series
Fig.9 AEHA (Japan Association of Electrical Home Appliances) Code
Pulse Width Characteristics (1st, Bit) (TYP.) (Reference) (VCC=5V)
Fig.11 Spectral Sensitivity (Reference)
Fig.10 Dissipation Current vs. Supply
Voltage
Supply voltage VCC (V)
2
0
20
40
60
80
100
200
120
140
160
180
2.5
4
6
5
3.5
3
5.5
4.5
Ta=
RT
φ=0˚
EV<10 lx
No input light
10
20
30
40
50
60
70
80
90
100
Wavelength
λ (nm)
700
800
900
1 000
1 100
1 200
Receiving distance (m)
0
0
100
200
300
400
500
600
210
14
8
6
412
Unit
1st bit
AEHA code
generating transmitter
VCC=5V, Ta=RT, φ=0˚,
EV<10 lx, T=420µs
High level pulse width
Low level pulse width
Fig.8 AEHA (Japan Association of Electrical Home Appliances) Code
Pulse Width Characteristics (1st Bit) (TYP.) (Reference) (VCC=3V)
Receiving distance (m)
0
0
100
200
300
400
500
600
210
14
8
6
412
Unit
1st bit
AEHA code
generating transmitter
VCC=3V, Ta=RT, φ=0˚,
EV<10lx, T=420µs
High level pulse width
Low level pulse width


Similar Part No. - GP1UD28XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U10X SHARP-GP1U10X Datasheet
44Kb / 5P
   Compact, Surface Mount and Reflow Soldering Type IR Detecting Unit for Remote Control
GP1U260X SHARP-GP1U260X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U261X SHARP-GP1U261X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U262X SHARP-GP1U262X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U263X SHARP-GP1U263X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UD28XK

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
   Energy-saving light
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
   Energy-saving axial fan
logo
OptoSupply Internationa...
JPE03 OPTOSUPPLY-JPE03 Datasheet
331Kb / 1P
   Energy saving effect by low power consumption
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
   Energy-saving axial fans
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
   Energy-saving axial fans
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
logo
List of Unclassifed Man...
D13625 ETC2-D13625 Datasheet
58Kb / 1P
   13w energy saving daylight PL tube
logo
STMicroelectronics
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
   Energy saving offline high voltage converter
Rev 5 April 2020
logo
Tripp Lite. All Rights ...
ECO750UPSTAA TRIPPLITE-ECO750UPSTAA Datasheet
519Kb / 4P
   TAA-Compliant Eco 750VA Energy-saving
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
   Energy saving off-line high voltage converter
March 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com