Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UD28YK Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1UD28YK
Description  Energy Saving Type Low Dissipation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UD28YK Datasheet(HTML) 2 Page - Sharp Corporation

  GP1UD28YK Datasheet HTML 1Page - Sharp Corporation GP1UD28YK Datasheet HTML 2Page - Sharp Corporation GP1UD28YK Datasheet HTML 3Page - Sharp Corporation GP1UD28YK Datasheet HTML 4Page - Sharp Corporation GP1UD28YK Datasheet HTML 5Page - Sharp Corporation GP1UD28YK Datasheet HTML 6Page - Sharp Corporation GP1UD28YK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Conditions
No input light
*3
*3 IOL
=100µA
*3
*3
MIN.
VCC
0.5
400
700
TYP.
MAX.
200
0.5
900
1 200
Unit
µA
V
V
µs
µs
Dissipation current
High level output voltage
Low level output voltage
High level pulse width
Symbol
ICC
VOH
T1
VOL
T2
Low level pulse width
−−
*4
kHz
fO
B.P.F. center frequency
*3 The burst wave as shown in the following figure shall be transmitted by the transmitter shown in Fig.2
The carrier frequency of the transmitter, however, shall be same as *4. Measuring shall be from just after starting the transmission until 50 pulse
*4 The B.P.F. center frequency fo varies with model, as shown in s Model Line-ups
(Unless otherwise specified, condition shall be Ta=25˚C, VCC=3V)
GP1UD26XK Series/GP1UD27XK Series/GP1UD28XK Series/GP1UD28YK Series
s Electro-optical Characteristics
GP1UD26XK
GP1UD260XK
GP1UD261XK
GP1UD262XK
GP1UD263XK
GP1UD267XK
GP1UD27XK
GP1UD270XK
GP1UD271XK
GP1UD272XK
GP1UD273XK
GP1UD277XK
GP1UD28XK
GP1UD280XK
GP1UD281XK
GP1UD282XK
GP1UD283XK
GP1UD287XK
GP1UD28YK
GP1UD280YK
GP1UD281YK
GP1UD282YK
GP1UD283YK
GP1UD287YK
Model No.
40kHz
36kHz
38kHz
36.7kHz
32.75kHz
B.P.F. center
56.8kHz
s Model Line-up
Burst Wave
1 000
µs
600
µs
fO=*4 kHz Duty 50%
Transmitter
signal
T1
T2
Output signal
s Absolute Maximum Ratings
*1 No dew condensation is allowed
*2 At mounting on PCB with thickness of 1.6mm
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
V
Operating temperature
Topr
−10 to +70
°C
0 to
+6.0
*1
*2
Storage temperature
Tstg
−20 to +70
°C
Soldering temperature
Tsol
260 (5s)
°C
(Ta
=25°C)
s Recommended Operating Conditions
Parameter
Symbol Operating conditions
Unit
VCC
2.7 to 5.5
V
Supply voltage


Similar Part No. - GP1UD28YK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U10X SHARP-GP1U10X Datasheet
44Kb / 5P
   Compact, Surface Mount and Reflow Soldering Type IR Detecting Unit for Remote Control
GP1U260X SHARP-GP1U260X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U261X SHARP-GP1U261X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U262X SHARP-GP1U262X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U263X SHARP-GP1U263X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UD28YK

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
   Energy-saving light
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
   Energy-saving axial fan
logo
OptoSupply Internationa...
JPE03 OPTOSUPPLY-JPE03 Datasheet
331Kb / 1P
   Energy saving effect by low power consumption
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
   Energy-saving axial fans
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
   Energy-saving axial fans
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
logo
List of Unclassifed Man...
D13625 ETC2-D13625 Datasheet
58Kb / 1P
   13w energy saving daylight PL tube
logo
STMicroelectronics
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
   Energy saving offline high voltage converter
Rev 5 April 2020
logo
Tripp Lite. All Rights ...
ECO750UPSTAA TRIPPLITE-ECO750UPSTAA Datasheet
519Kb / 4P
   TAA-Compliant Eco 750VA Energy-saving
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
   Energy saving off-line high voltage converter
March 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com