Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1706 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1706
Description  3.3 and 5.0 Volt MicroMonitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1706 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1706 Datasheet HTML 2Page - Dallas Semiconductor DS1706 Datasheet HTML 3Page - Dallas Semiconductor DS1706 Datasheet HTML 4Page - Dallas Semiconductor DS1706 Datasheet HTML 5Page - Dallas Semiconductor DS1706 Datasheet HTML 6Page - Dallas Semiconductor DS1706 Datasheet HTML 7Page - Dallas Semiconductor DS1706 Datasheet HTML 8Page - Dallas Semiconductor DS1706 Datasheet HTML 9Page - Dallas Semiconductor DS1706 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DS1705/DS1706
011296 8/10
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
–0.5V to +7.0V
Voltage on I/O Relative to Ground
–0.5V to VCC + 0.5V
Operating Temperature
–40
°C to +85°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(–40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
1.0
5.5
V
1
ST and PBRST Input High Level
VIH
2.0
VCC–0.5
VCC+0.3
V
1, 3
1, 4
ST and PBRST Input Low Level
VIL
–0.03
+0.5
V
1
DC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC=1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Trip Point DS1705/DS1706L
VCCTP
4.50
4.65
4.75
V
1
VCC Trip Point DS1706
VCCTP
4.25
4.40
4.50
V
1
VCC Trip Point DS1706T
VCCTP
3.00
3.08
3.15
V
1
VCC Trip Point DS1706S
VCCTP
2.85
2.93
3.00
V
1
VCC Trip Point DS1706P or R
VCCTP
2.55
2.63
2.70
V
1
Input Leakage
IIL
–1.0
+1.0
µA
2
Output Current @ 2.4 volts
IOH
350
µA
3
Output Current @ 0.4 volts
IOL
10
mA
3
Output Voltage @ –500
µA
VOH
VCC+–0.3
VCC–0.1
V
3
Operating Current
@ VCC < 5.5 volts
ICC
60
µA
5
Operating Current
@ VCC < 3.6 volts
ICC
50
µA
5
IN Input Trip Point
VTP
1.20
1.25
1.30
V
1
CAPACITANCE
(tA=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF


Similar Part No. - DS1706

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1706 MAXIM-DS1706 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706EPA MAXIM-DS1706EPA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706EPA MAXIM-DS1706EPA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706ESA MAXIM-DS1706ESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706ESA MAXIM-DS1706ESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
More results

Similar Description - DS1706

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
logo
Dallas Semiconductor
DS1707 DALLAS-DS1707 Datasheet
67Kb / 9P
   3.3 and 5.0 Volt MicroMonitor?
logo
Maxim Integrated Produc...
DS1707ESA MAXIM-DS1707ESA Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
   3.3 & 5.0 VOLT - DIP 14
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com