Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX-MK30B-P Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # GX-MK30B-P
Description  Cylindrical Inductive Proximity Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GX-MK30B-P Datasheet(HTML) 5 Page - Panasonic Semiconductor

  GX-MK30B-P Datasheet HTML 1Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 2Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 3Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 4Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 5Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 6Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 7Page - Panasonic Semiconductor GX-MK30B-P Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(Brown) +V
+
(Blue) 0 V
(Black) Output
Load
12 to 24V DC ±10 %
(Brown) +V
+
(Blue) 0 V
(Black) Output
Load
12 to 24V DC ±10 %
(Brown) +V
+
(Blue) 0 V
Load
Load
12 to 24V DC ±10 %
Wiring diagram
Wiring diagram
Connector pin position
Connector pin position
NPN output type
PNP output type
1
2
4
3
M12 connector
1
2
4
3
M12 connector
• Normally Open
1 : +V
2 : Not connected
3 : 0 V
4 : Output
• Normally Open
(except for
GX-M8□-U-J and GX-ML8□-U-J)
1 : Not connected
2 : Not connected
3 : +V
4 : 0 V
• Normally Open
(
GX-M8□-U-J and GX-ML8□-U-J only)
1 : +V
2 : Not connected
3 : Not connected
4 : 0 V
• Normally Closed
1 : +V
2 : Output
3 : 0 V
4 : Not connected
• Normally Closed
1 : +V
2 : 0 V
3 : Not connected
4 : Not connected
WIRING DIAGRAMS
DC 3-wire type
DC 2-wire type
Cylindrical Inductive Proximity Sensor
GX-M SERIES
11


Similar Part No. - GX-MK30B-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GX-MD OMRON-GX-MD Datasheet
5Mb / 48P
   EtherCAT??Remote I/O Terminals
More results

Similar Description - GX-MK30B-P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-3S PANASONIC-GX-3S Datasheet
702Kb / 10P
   Cylindrical Compact Inductive Proximity Sensor GX SERIES
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com