Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF12AG Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMF12AG
Description  200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF12AG Datasheet(HTML) 4 Page - ON Semiconductor

  SMF12AG Datasheet HTML 1Page - ON Semiconductor SMF12AG Datasheet HTML 2Page - ON Semiconductor SMF12AG Datasheet HTML 3Page - ON Semiconductor SMF12AG Datasheet HTML 4Page - ON Semiconductor SMF12AG Datasheet HTML 5Page - ON Semiconductor SMF12AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMF5.0AT1G Series, SZSMF5.0AT1G Series
http://onsemi.com
4
tP, PULSE WIDTH (ms)
100
1000
10,000
1.0
10
100
10
0
123
4
0
50
100
t, TIME (ms)
HALF VALUE − IRSM
2
PEAK VALUE − IRSM
tr
TYPICAL PROTECTION CIRCUIT
Vin
VL
Zin
LOAD
tP
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50%
OF IRSM.
Figure 1. Pulse Rating Curve
Figure 2. 10 X 1000 ms Pulse Waveform
1000
10,000
Figure 3. 8 X 20 ms Pulse Waveform
tr ≤ 10 ms
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
120
140
160
Figure 4. Pulse Derating Curve
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms


Similar Part No. - SMF12AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF12AG ONSEMI-SMF12AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF12AG ONSEMI-SMF12AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF12AG ONSEMI-SMF12AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF12AG ONSEMI-SMF12AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF12AG ONSEMI-SMF12AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

Similar Description - SMF12AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AT1G ONSEMI-SMF10AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com