Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1024A260 Datasheet(PDF) 4 Page - Littelfuse

Part # SL1024A260
Description  SL1021AB, SL1024AB and PMT8 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A260 Datasheet(HTML) 4 Page - Littelfuse

  SL1024A260 Datasheet HTML 1Page - Littelfuse SL1024A260 Datasheet HTML 2Page - Littelfuse SL1024A260 Datasheet HTML 3Page - Littelfuse SL1024A260 Datasheet HTML 4Page - Littelfuse SL1024A260 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
22
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
8.1
[0.319]
10.10
[0.398]
9.9
[0.354]
9.9
[0.354]
10.10
[0.398]
4.4± 0.3
[0.173± 0.12]
4.4± 0.3
[0.173± 0.12]
15
[0.590]
16.8
[0.661]
4.4
[0.173]
1.0 DIA. MAX.
[0.039]
12.4 ± 1
[0.488 ± 0.039]
11.8
[0.464]
11.8
[0.464]
8.1.
[0.319]
9.9
[0.354]
16.8
[0.661]
11.8
[0.464]
6.35 ± 0.5
[0.25 ± 0.25]
15
[0.590]
1.0 DIA. MAX.
[0.039]
8.1 DIA. MAX.
[0.319]
10.10
[0.398]
14.7
[0.579]
6.35 ± 0.5
[0.25 ± 0.25]
9.0
[0.354]
0.3mm
Minimum
Gap
0.3mm
Minimum
Gap
0.3mm
Minimum
Gap
Mounting Area
9.0
[0.354]
Mounting Area
9.0
[0.354]
Mounting Area
9.9
[0.354]
10.10
[0.398]
5.5± 0.3
[0.216± 0.12]
5.5± 0.3
[0.216± 0.12]
15
[0.590]
16.8
[0.661]
4.4
[0.173]
1.0 DIA. MAX.
[0.039]
12.4 ± 1
[0.488 ± 0.039]
11.8
[0.464]
8.1.
[0.319]
0.3mm
Minimum
Gap
9.0
[0.354]
Mounting Area
10.10
[0.398]
22
[0.866]
1.0 DIA. MAX.
[0.039]
50 ± 3
[1.968 ± 0.118 ]
8.1 DIA. MAX.
[0.319]
11.8
[0.464]
23.8
[0.937]
9.0
[0.354]
Mounting Area
0.3mm
Minimum
Gap
Type 01 / C
Type 60
Type 06 / Y
Type 14 / X
Type 04 / R
Type 05 / P
PROFILE VIEW
SOLDERING PAD LAYOUT
SIDE VIEW
TOP VIEW
7.7 ± 0.3
[0.303 ± 0.019]
10.0 ± 0.3
[0.394 ± 0.019]
Ø7.0 ± 0.1
[0.275 ± 0.004]
8.3 +0.3/-0.0
[0.327
+0.019/-0.00]
8.0 +0.3/-0.1
[0.315
+0.019/-0.004]
8.5 ± 0.0
[0.335 ± 0.000]
2.2 ± 0.0
[0.087 ± 0.000]
6.0 ± 0.0
[0.236 ± 0.000]
10.75 ± 0.0
[0.423 ± 0.000]
1.2 ± 0.0
[0.047 ± 0.000]
1.2 ± 0.0
[0.047 ± 0.000]
Overall Product Space
DO NOT ENCROACH
Device Dimensions
NOTE: Failsafe option dimensions shown in green.
Shaped Radial Leaded Devices:
Surface Mount Devices:
Straight Radial Leaded Devices:
Straight "T" Leaded Devices:


Similar Part No. - SL1024A260

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A260 LITTELFUSE-SL1024A260 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1024A260

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com