Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1743 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1743
Description  Y2KC Nonvolatile Timekeeping RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1743 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1743 Datasheet HTML 1Page - Dallas Semiconductor DS1743 Datasheet HTML 2Page - Dallas Semiconductor DS1743 Datasheet HTML 3Page - Dallas Semiconductor DS1743 Datasheet HTML 4Page - Dallas Semiconductor DS1743 Datasheet HTML 5Page - Dallas Semiconductor DS1743 Datasheet HTML 6Page - Dallas Semiconductor DS1743 Datasheet HTML 7Page - Dallas Semiconductor DS1743 Datasheet HTML 8Page - Dallas Semiconductor DS1743 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS1743/DS1743P
3 of 17
DS1743 BLOCK DIAGRAM Figure 1
DS1743 TRUTH TABLE Table 1
VCC
CE
CE2
OE
WE
MODE
DQ
POWER
VIH
X
X
X
DESELECT
HIGH-Z
STANDBY
XVIL
X
X
DESELECT
HIGH-Z
STANDBY
VIL
VIH
XVIL
WRITE
DATA IN
ACTIVE
VIL
VIH
VIL
VIH
READ
DATA OUT
ACTIVE
VCC>VPF
VIL
VIH
VIH
VIH
READ
HIGH-Z
ACTIVE
VSO<VCC<VPF
X
X
X
X
DESELECT
HIGH-Z
CMOS STANDBY
VCC<VSO<VPF
X
X
X
X
DESELECT
HIGH-Z
DATA RETENTION
MODE
SETTING THE CLOCK
As shown in Table 2, bit 7 of the century register is the write bit. Setting the write bit to a 1, like the read
bit, halts updates to the DS1743 registers. The user can then load them with the correct day, date and time
data in 24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock
counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB (bit 7) of the seconds registers, see
Table 2. Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to
logic 1 and the oscillator is running, the LSB of the seconds register will toggle at 512 Hz. When the
seconds register is being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for
access remain valid (i.e., CE low, OE low, WE high, and address for seconds register remain valid and
stable).


Similar Part No. - DS1743

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
DS1743-100++ MAXIM-DS1743-100+ Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
DS1743-100IND++ MAXIM-DS1743-100IND+ Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
More results

Similar Description - DS1743

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com