Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1742W-150 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1742W-150
Description  Y2KC Nonvolatile Timekeeping RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1742W-150 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1742W-150 Datasheet HTML 4Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 5Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 6Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 7Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 8Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 9Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 10Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 11Page - Dallas Semiconductor DS1742W-150 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1742
8 of 12
WRITE CYCLE, AC CHARACTERISTICS
(Over the Operating Range; VCC = 5.0V
± 10%)
70 ns access
100 ns access
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Write Cycle Time
tWC
70
100
ns
Address Access Time
tAS
00
ns
WE
Pulse Width
tWEW
50
70
ns
CE
Pulse Width
tCEW
60
75
ns
Data Setup Time
tDS
30
40
ns
Data Hold time
tDH
00
ns
Address Hold Time
tAH
55
ns
WE
Data Off Time
tWEZ
25
35
ns
Write Recovery Time
tWR
55
ns
WRITE CYCLE, AC CHARACTERISTICS
(Over the Operating Range; VCC = 3.3V
± 10%)
120 ns access
150 ns access
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Write Cycle Time
tWC
120
150
ns
Address Setup Time
tAS
00
ns
WE
Pulse Width
tWEW
100
130
ns
CE
Pulse Width
tCEW
110
140
ns
Data Setup Time
tDS
80
90
ns
Data Hold Time
tDH
00
ns
Address Hold Time
tAH
00
ns
WE
Data Off Time
tWEZ
40
50
ns
Write Recovery Time
tWR
10
10
ns


Similar Part No. - DS1742W-150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1742W-150 MAXIM-DS1742W-150 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742W-150++ MAXIM-DS1742W-150+ Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742W-150++ MAXIM-DS1742W-150+ Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
More results

Similar Description - DS1742W-150

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com