Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1800 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1800
Description  Dual Inverting Log Gain/Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1800 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1800 Datasheet HTML 1Page - Dallas Semiconductor DS1800 Datasheet HTML 2Page - Dallas Semiconductor DS1800 Datasheet HTML 3Page - Dallas Semiconductor DS1800 Datasheet HTML 4Page - Dallas Semiconductor DS1800 Datasheet HTML 5Page - Dallas Semiconductor DS1800 Datasheet HTML 6Page - Dallas Semiconductor DS1800 Datasheet HTML 7Page - Dallas Semiconductor DS1800 Datasheet HTML 8Page - Dallas Semiconductor DS1800 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1800
2
of 14
DESCRIPTION
The DS1800 is a dual audio-taper potentiometer designed specifically for use in the feedback path of the
inverting configuration of an operational amplifier (see Figure 2). In this configuration, the DS1800
provides a VO /VI relationship of -20log(RF/RI), giving a gain/attenuation range covering +20 dB to -63
dB. Each potentiometer has a total of 129 positions including mute. The DS1800 provides five areas of
resolution, which include: 0.25 dB per step from +20 dB to +3 dB; 0.5 dB per step from +3 dB to -12 dB;
1 dB from -12 dB to -27 dB; 2 dB per step from -27 dB to -47 dB; and 4 dB per step from -47 dB to -63
dB. The mute position provides 100 dB of attenuation.
The DS1800 has two control interfaces (see Figure 1).
The first is a 3-wire serial CPU interface
consisting of RST , CLK, and D. The second interface is a contact-closure interface, allowing easy push-
button control without the need for external debounce or timing circuitry. The device also provides for
software muting (via CPU) or hardware muting (MUTE control input). The hardware mute is a toggle
type which returns the wiper positions to their prior states. Additional information on CPU and push-
button control is described under the section entitled “OPERATION.”
The DS1800 is available in 20-pin DIPs, SOICs, and TSSOPs. One standard resistance grade of 53 k
Ω=is
available for the device.
OPERATION
The DS1800 provides two 129-position 45 k
Ω potentiometers. These potentiometers are specifically
designed to operate in the configuration shown in Figure 2. Under this configuration the V0/VI
relationship provides the gain/attenuation function of -20log(RF/RI) over a range of +20 dB to -63 dB.
This function is illustrated in Figure 3 as a graph of gain/attenuation versus position. Figure 4 provides
the relationship between RF and RI as a function of position.
The DS1800 has a total of 129 positions including a mute position. Five areas of resolution are provided
over the gain/attenuation range and are illustrated in Figure 3. From position 0 to position 68, a resolution
of 0.25 dB per step is attained covering a gain/attenuation range of +20 dB to +3 dB. From position 68 to
position 98, 0.5 dB per step of resolution is attained covering +3 dB to -12 dB of gain/attenuation.
Positions 98 to 113 have 1 dB per step resolution and cover a gain/attenuation range of -12 to -27 dB.
Positions 113 to 123 provide 2 dB per step and cover a gain/attenuation range of -27 dB to -47 dB.
Positions 123 to 127 provide 4 dB per step and cover a gain/attenuation range of -47 dB to 63 dB.
Position 128 is the mute position and typically provides 100 dB of attenuation.
PIN DESCRIPTIONS
The DS1800 has a total of 20 pins which provide various functions for the device. This section provides a
description of each pin’s operation.
VCC - Power Supply Voltage Input. The DS1800 will support 3V or 5V power supply operation.
GND - Ground. The DS1800 has two ground pins. The GND supports the digital ground for the device.
AGND - Analog Ground. The DS1800 has two ground pins. The AGND supports analog ground for the
device.
IN0, IN1 - Input terminals for the two respective potentiometers as shown in Figure 2. These terminals
should be connected to the analog signal, VI, to provide the gain/attenuation characteristics stated. These
terminals are referenced as INx in the Figure 2 drawing.


Similar Part No. - DS1800

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1801E DALLAS-DS1801E Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
DS1801S DALLAS-DS1801S Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
More results

Similar Description - DS1800

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
   Logarithmic Gain/Attenuator
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
logo
Zarlink Semiconductor I...
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
   Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
logo
Linear Integrated Syste...
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com