Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1230Y-P200 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1230Y-P200
Description  256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230Y-P200 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1230Y-P200 Datasheet HTML 4Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 5Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 6Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 7Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 8Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 9Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 10Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 11Page - Dallas Semiconductor DS1230Y-P200 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS1230Y/AB
9 of 12
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs Open
Output Load: 100 pF + 1TTL Gate
Cycle = 200 ns for operating current
Input Pulse Levels: 0 - 3.0V
All voltages are referenced to ground
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5 ns
ORDERING INFORMATION
DS1230 TTP - SSS - III
Operating Temperature Range
blank: 0
° to 70°
IND: -40
° to +85°C
Access Speed
70:
70 ns
85:
85 ns
100:
100 ns
120:
120 ns
150:
150 ns
200:
200 ns
Package Type
blank: 28-pin 600-mil DIP
P:
34-pin PowerCap Module
VCC Tolerance
AB:
±5%
Y:
±10%
DS1230Y/AB NONVOLATILE SRAM, 28-PIN 740-MIL EXTENDED DIP
MODULE
PKG
28-PIN
DIM
MIN
MAX
A IN.
MM
1.480
37.60
1.500
38.10
B IN.
MM
0.720
18.29
0.740
18.80
C IN.
MM
0.355
9.02
0.375
9.52
D IN.
MM
0.080
2.03
0.110
2.79
E IN.
MM
0.015
0.38
0.025
0.63
F IN.
MM
0.120
3.05
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53


Similar Part No. - DS1230Y-P200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
List of Unclassifed Man...
DS1230Y-200 ETC2-DS1230Y-200 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS1230Y-70++ MAXIM-DS1230Y-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230Y-70++ MAXIM-DS1230Y-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-70IND++ MAXIM-DS1230Y-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
More results

Similar Description - DS1230Y-P200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com