Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESL064AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NESL064AT
Description  SPECIFICATIONS FOR WARM WHITE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESL064AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NESL064AT_14 Datasheet HTML 1Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 2Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 3Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 4Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 5Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 6Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 7Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 8Page - NICHIA CORPORATION NESL064AT_14 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-1565B <Cat.No.130607>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.8
3.5
V
V
1.44
2.00
U
1.00
1.44
Luminous Intensity
T
0.72
1.00
cd
Color Ranks
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
Rank e2
x
0.3822
0.3897
0.4053
0.4255
0.4129
0.3954
y
0.3580
0.3823
0.3907
0.4000
0.3725
0.3642
Rank f3
Rank f4
x
0.4255
0.4390
0.4680
0.4519
x
0.4519
0.4680
0.4970
0.4770
y
0.4000
0.4310
0.4385
0.4086
y
0.4086
0.4385
0.4466
0.4137
Rank f5
Rank f6
x
0.4129
0.4255
0.4519
0.4355
x
0.4355
0.4519
0.4770
0.4588
y
0.3725
0.4000
0.4086
0.3785
y
0.3785
0.4086
0.4137
0.3838
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NESL064AT_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESL064AT NICHIA-NESL064AT_18 Datasheet
282Kb / 18P
   WARM WHITE LED
More results

Similar Description - NESL064AT_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DT NICHIA-NT2L757DT Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com