Selected language     English  ▼


2SC1927 Datasheet(PDF) 1 Page - NEC

Part No. 2SC1927
Description  NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 1 page
background image
©
1996
DATA SHEET
SILICON TRANSISTOR
2SC1927
DESCRIPTION
The 2SC1927 is an NPN silicon epitaxial dual transistor that
consists of two chips equivalent to the 2SC1275, and is designed for
differential amplifier and ultra-high-speed switching applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
14
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Collector Dissipation
PC
200
mW/unit
Total Power Dissipation
PT
300
mW
Junction Temperature
Tj
200
˚C
Storage Temperature
Tstg
–65 to +200
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICES
VCE = 15 V, RBE = 0
50
nA
Emitter Cut-off Current
IEBO
VEB = 2.0 V, IC = 0
50
nA
DC Current Gain
hFE
VCE = 10 V, IC = 10 mA
25
80
200
hFE Ratio
hFE1/hFE2
VCE = 10 V, IC = 10 mA *1
0.8
1.0
Difference of Base to Emitter Voltage
∆VBE
VCE = 10 V, IC = 10 mA
30
mV
Gain Bandwidth Product
fT
VCE = 10 V, IC = 10 mA *2
1.5
2.0
GHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz *3
1.1
1.5
pF
*1. hFE1 is the smaller hFE value of the 2 transistors.
2. Sampling check shall be done on a production lot base using a TO-18 packaged device (equivalent to the
2SC1275).
3. Measured with a 3-terminal bridge, terminals other than the collector and base of the device under test should
be connected to the guard terminal of the bridge.
Document No. P11671EJ1V0DS00 (1st edition)
Date Published July 1996 P
Printed in Japan
NPN SILICON EPITAXIAL DUAL TRANSISTOR
FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING
INDUSTRIAL USE
PACKAGE DIMENSIONS
(in millimeters)
5.0 MIN.
3.5
+0.3
–0.2
5.0 MIN.
3
2
1
4
5
6
3
2C
4
1C
6
1B
1
2B
5
1E
2
2E
PIN CONNECTIONS




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC3809NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE 1 2 3 4 NEC
2SC3810NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE 1 2 3 4 NEC
2SD1308NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER AND LOW SPEED SWITCHING INDUSTRIAL USE 1 2 List of Unclassifed Manufacturers
2SC4173HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 NEC
UPA1436ANPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
HN9014NPN Silicon Epitaxial Planar Transistor for switching and AF amplifier applications       1 2 3 4 5 Semtech Corporation
2SC3360HIGH VOLTAGE AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD  1 2 3 4 NEC
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
2SC3218-MNPN SILICON EPITAXIAL TRANSISTOR FOR 860 MHZ WIDEBAND POWER AMPLIFIER INDUSTRIAL USE 1 2 3 NEC
2SC3739HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl