Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1803E-100 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1803E-100
Description  Addressable Dual Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1803E-100 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1803E-100 Datasheet HTML 3Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 4Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 5Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 6Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 7Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 8Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 9Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 10Page - Dallas Semiconductor DS1803E-100 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS1803
7 of 11
ANALOG RESISTOR CHARACTERISTICS
(-40
°C to +85°C;V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor Tolerance
-20
+20
%
17
Absolute Linearity
±0.75
LSB
13
Relative Linearity
±0.3
LSB
14
-3 dB Cutoff Frequency
fCUTOFF
Hz
11
Temperature Coefficient
750
ppm/C
Capacitance
CI
5
pF
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C;V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
SCL Clock Frequency
fSCI
0
0
400
100
kHz
16
17
Bus Free Time Between
STOP and START Condition
tBUF
1.3
4.7
µs
16
17
Hold Time (Repeated)
START Condition
tHD;STA
0.6
4.0
µs
5
Low Period of SCL Clock
tLOW
1.3
4.7
µs
High Period of SCL Clock
tHIGH
0.6
4.0
µs
Data Hold Time
tHD;DAT
0
0
0.9
µs
6,7
Data Setup Time
tHD;DAT
100
250
ns
8
Rise Time of both SDA and
SCL Signals
tR
20+1CB
300
1000
ns
9
Fall Time of both SDA and
SCL Signals
tF
20+1CB
300
300
ns
9
Setup Time for STOP
Condition
tSU;STO
0.6
4.0
µs
Capacitive Load for each Bus
Line
CB
400
pF
NOTES:
1. All voltages are referenced to ground.
2. I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VDD is switched off.
3. ICC specified with SDA pin open SCL = 400 kHz clock rate.
4. ICC specified with VCC at 5.0V and SDA, SCL = 5.0V, -40
°C to +85°C.


Similar Part No. - DS1803E-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1803E-100 MAXIM-DS1803E-100 Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
DS1803E-100++ MAXIM-DS1803E-100+ Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
DS1803E-100/T&R MAXIM-DS1803E-100/T&R Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
More results

Similar Description - DS1803E-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
   Addressable Digital Potentiometer
Rev 0; 4/02
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com