Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN41505 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN41505
Description  415MHz SAW Filter 30MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN41505 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN41505 Datasheet HTML 1Page - SIPAT Co,Ltd LBN41505 Datasheet HTML 2Page - SIPAT Co,Ltd LBN41505 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN41505
Rev. Date
2011-07-08
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
415MHz SAW Filter
30MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBN41505
LBN41505
LBN41505
LBN41505
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
-
415
-
Insertion Loss(400~430MHz)
dB
-
1.7
2.7
Passband Variation(400~430MHz)
dB
-
0.7
1.3
VSWR(400~430MHz)
-
-
1.9/1.7
2.1
Group Delay Variation(400~430MHz)
nsec
-
20
40
Attenuation
10~345MHz
dB
25
26
-
345~390MHz
dB
9
12
-
440~470MHz
dB
4
7
-
470~480MHz
dB
25
29
-
480~561MHz
dB
27
28
-
561~593MHz
dB
24
25
-
593~950MHz
dB
21
22
-
950~2000MHz
dB
13
25
-
2000~2500MHz
dB
5
14
-
Material Temperature coefficient
KHz/°C
-28.2
Substrate Material
-
41LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
25
Storage Temperature Range
°C
-40
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.8*3.8
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN41505

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LBN41506 SIPAT-LBN41506 Datasheet
327Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
More results

Similar Description - LBN41505

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LBN41506 SIPAT-LBN41506 Datasheet
327Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LB385DS01 SIPAT-LB385DS01 Datasheet
146Kb / 3P
   385MHz SAW Filter 30MHz Bandwidth
LBT84705 SIPAT-LBT84705 Datasheet
176Kb / 3P
   847MHz SAW Filter 30MHz Bandwidth
LB070DS26 SIPAT-LB070DS26 Datasheet
142Kb / 3P
   70MHz SAW Filter 30MHz Bandwidth
LBT84704 SIPAT-LBT84704 Datasheet
166Kb / 3P
   847MHz SAW Filter 30MHz Bandwidth
LBT94502 SIPAT-LBT94502 Datasheet
197Kb / 3P
   945MHz SAW Filter 30MHz Bandwidth
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
   224MHz SAW Filter 30MHz Bandwidth
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
   224MHz SAW Filter 30MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com