Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18030-050 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS18030-050
Description  Addressable Dual Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18030-050 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS18030-050 Datasheet HTML 2Page - Dallas Semiconductor DS18030-050 Datasheet HTML 3Page - Dallas Semiconductor DS18030-050 Datasheet HTML 4Page - Dallas Semiconductor DS18030-050 Datasheet HTML 5Page - Dallas Semiconductor DS18030-050 Datasheet HTML 6Page - Dallas Semiconductor DS18030-050 Datasheet HTML 7Page - Dallas Semiconductor DS18030-050 Datasheet HTML 8Page - Dallas Semiconductor DS18030-050 Datasheet HTML 9Page - Dallas Semiconductor DS18030-050 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS1803
6 of 11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
-40° to +85°C; industrial
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Resistors Inputs
L,H,W
GND-0.5
VCC+0.5
V
1
GND
GND
GND
GND
DC ELECTRICAL CONDITIONS
(-40
°C to +85°C; V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Current Active
ICC
200
µA
3
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
O
Wiper Current
IW
1
MA
Input Logic 1
VIH
0.7VCC
VCC+0.5
V
1,2
Input Logic 0
VIL
GND-0.5
0.3VCC
V
1,2
Input Logic Levels A0, A1,
A2
Input Logic 1
Input Logic 0
0.7VCC
GND-0.5
VCC+0.5
0.3VCC
V
14
Input Current each I/O Pin
0.4<VI/O<0.9VDD
-10
+10
µA
Standby Current
ISTBY
20
40
µA
4
VOL1
3 mA sink
current
0.0
0.4
V
Low Level Output Voltage
VOL2
6 mA sink
current
0.0
0.6
V
I/O Capacitance
CI/0
10
pF
Pulse Width of Spikes
which must be suppressed
by the input filter
tSP
Fast Mode
0
50
ns


Similar Part No. - DS18030-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18030-050 MAXIM-DS18030-050 Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
More results

Similar Description - DS18030-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
   Addressable Dual Digital Potentiometer
110706
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
   Addressable Digital Potentiometer
Rev 0; 4/02
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com