Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1866 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1866
Description  Log Trimmer Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1866 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1866 Datasheet HTML 1Page - Dallas Semiconductor DS1866 Datasheet HTML 2Page - Dallas Semiconductor DS1866 Datasheet HTML 3Page - Dallas Semiconductor DS1866 Datasheet HTML 4Page - Dallas Semiconductor DS1866 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS1866
4 of 5
102199
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Input Logic 1
VIH
2.0
VCC +0.5
V
1, 2
Input Logic 0
VIL
-0.5
+0.8
+0.6
V
1, 2
Ground
GND
GND -0.5
GND +0.5
Resistor Inputs
L, H, W
GND -0.5
VCC +0.5
V
1, 3
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
400
µA
4
Input Leakage
IU
-1
+1
µA
Wiper Resistance
RW
400
1000
Wiper Current
IW
1
mA
Standby Current
3 volts
5 volts
ISTBY
10
25
50
µA
µA
5
ANALOG RESISTOR CHARACTERISTICS (-40°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End to End Resistor
Tolerance
-20
+20
%
6
Absolute Tolerance
-1.0
+1.0
dB
8
Tap-to-Tap
-1.0
+1.0
dB
9
-3 dB Cutoff Frequency
fCUTOFF
1 MHz
MHz
10
Temperature Coefficient
750
ppm/°C
CAPACITANCE
(25°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
11
Output Capacitance
COUT
7
pF
11
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Parallel Port Transition
tPC
500
ns
12


Similar Part No. - DS1866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
More results

Similar Description - DS1866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com