Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1870 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1870
Description  Step-Up/Step-Down Li Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1870 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1870 Datasheet HTML 2Page - Maxim Integrated Products MAX1870 Datasheet HTML 3Page - Maxim Integrated Products MAX1870 Datasheet HTML 4Page - Maxim Integrated Products MAX1870 Datasheet HTML 5Page - Maxim Integrated Products MAX1870 Datasheet HTML 6Page - Maxim Integrated Products MAX1870 Datasheet HTML 7Page - Maxim Integrated Products MAX1870 Datasheet HTML 8Page - Maxim Integrated Products MAX1870 Datasheet HTML 9Page - Maxim Integrated Products MAX1870 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Step-Up/Step-Down
Li+ Battery Charger
6
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-VOLTAGE REGULATION
VCTL Range
0
3.6
V
VVCTL = VLDO (2 cells)
-0.8
+0.8
VVCTL = VLDO (3 cells)
-0.8
+0.8
VVCTL = VLDO (4 cells)
-0.8
+0.8
VVCTL = VREFIN (2 cells)
-1.2
+1.2
VVCTL = VREFIN (3 cells)
-1.2
+1.2
VVCTL = VREFIN (4 cells)
-1.2
+1.2
VVCTL = VREFIN / 20 (2 cells)
-1.4
+1.4
VVCTL = VREFIN / 20 (3 cells)
-1.4
+1.4
Battery Regulation Voltage
Accuracy
VVCTL = VREFIN / 20 (4 cells)
-1.4
+1.4
%
VCTL Default Threshold
VCTL rising
4.0
4.2
V
CHARGE-CURRENT REGULATION
ICTL Range
0
3.6
V
VICTL = VREFIN
66
80
VICTL = VREFIN x 0.8
53
65
Quick-Charge-Current Accuracy
VICTL = VREFIN x 0.583
38
48
mV
BATT/CSIP/CSIN Input Voltage
Range
0
19
V
CSIP Input Current
ICTL = REFIN
600
µA
ICTL Power-Down-Mode
Threshold Voltage
REFIN /
100
REFIN /
32
V
INPUT-CURRENT REGULATION
CLS = REF
95
115
Charger-Input Current-Limit
Accuracy (VCSSP - VCSSN)
CSSS = CSSP
CLS = REF x 0.845
79
97
mV
CLS = REF
95
115
System-Input Current-Limit
Accuracy (VCSSP - VCSSS)
CSSN = CSSP
CLS = REF x 0.845
79
97
mV
CSSP/CSSS/CSSN Input Voltage
Range
8
28
V
CSSP Input Current
VCSSP = VCSSN = VCSSS = VDCIN = 8V, 28V
1200
µA
CLS Input Range
VREF / 2
VREF
V
IINP Transconductance
VCSSP - VCSSS = 102mV, CSSN = CSSP
2.5
3.1
µA/mV
VCSSP - VCSSN = 200mV, VIINP = 0V
350
IINP Output Current
VCSSP - VCSSS = 200mV, VIINP = 0V
350
µA
VCSSP - VCSSN = 200mV, IINP float
3.5
IINP Output Voltage
VCSSP - VCSSS = 200mV, IINP float
3.5
V
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 2, VDCIN = VCSSP = VCSSN = VCSSS = VVHP = 18V, VBATT = VCSIP = VCSIN = VBLKP = 12V, VREFIN = 3.0V, VICTL =
0.75 x VREFIN, VCTL = LDO, CELLS = FLOAT, GND = PGND = 0, VDLOV = 5.4V, TA = -40°C to +85°C.) (Note 1)


Similar Part No. - MAX1870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ++ MAXIM-MAX1870AETJ+ Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
More results

Similar Description - MAX1870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
logo
Linear Technology
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Shanghai Consonance Ele...
CN3300 CONSONANCE-CN3300 Datasheet
206Kb / 9P
   PFM Step-up Battery Charger Controller IC
CN3306 CONSONANCE-CN3306 Datasheet
362Kb / 14P
   Step-up Multi-Chemistry Battery Charger IC
logo
Shenzhen Huazhimei Semi...
HM4033 HMSEMI-HM4033 Datasheet
396Kb / 9P
   PFM Step-up Battery Charger Controller IC
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com