Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6025 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6025
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6025 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6025 Datasheet HTML 2Page - Maxim Integrated Products MAX6025 Datasheet HTML 3Page - Maxim Integrated Products MAX6025 Datasheet HTML 4Page - Maxim Integrated Products MAX6025 Datasheet HTML 5Page - Maxim Integrated Products MAX6025 Datasheet HTML 6Page - Maxim Integrated Products MAX6025 Datasheet HTML 7Page - Maxim Integrated Products MAX6025 Datasheet HTML 8Page - Maxim Integrated Products MAX6025 Datasheet HTML 9Page - Maxim Integrated Products MAX6025 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6041
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Guaranteed by line-regulation test
TA = +25°C
Note 4
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ± 100mV, f = 120Hz
f = 10Hz to 10kHz
Short to IN
Short to GND
f = 0.1 Hz to 10Hz
IOUT = 500µA
Sourcing: 0
≤ IOUT ≤ 500µA
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
1000hr at TA = +25°C
1000hr at TA = +25°C
CONDITIONS
µA/V
0.8
2.0
IIN/VIN
Change in Supply Current
µA
27
35
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
INPUT
nF
02.2
COUT
Capacitive-Load Stability Range
µs
160
tR
Turn-On Settling Time
dB
77
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
200
µVp-p
100
eOUT
Noise Voltage
DYNAMIC
ppm/
1000hr
50
∆VOUT/
time
Long-Term Stability
ppm
130
∆VOUT/
time
Temperature Hysteresis
(Note 3)
4.080
4.096
4.112
V
4.088
4.096
4.104
VOUT
OUTPUT
Output Voltage
4
mA
4
ISC
OUT Short-Circuit Current
mV
100
200
VIN -
VOUT
Dropout Voltage
(Note 5)
0.15
0.70
ppm/°C
VOUT
Output Voltage Temperature
Coefficient (Note 2)
615
µV/V
25
160
∆VOUT/
∆VIN
Line Regulation
µV/µA
∆VOUT/
∆IOUT
Load Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX6041A
MAX6041B
TA = 0°C to +70°C
625
TA = 0°C to +70°C
Sinking: -500µA
≤ IOUT ≤ 0
0.20
0.90
%
V
%
MAX6041A
MAX6041B
620
630
TA = -40°C to +85°C
TA = -40°C to +85°C
-0.20
0.20
-0.39
0.39
OUTPUT
DYNAMIC
INPUT
OUTPUT


Similar Part No. - MAX6025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6025AEUR-T MAXIM-MAX6025AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6025BEUR-T MAXIM-MAX6025BEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com