Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1867-050 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1867-050
Description  Dual Digital Potentiometer with EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867-050 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1867-050 Datasheet HTML 6Page - Dallas Semiconductor DS1867-050 Datasheet HTML 7Page - Dallas Semiconductor DS1867-050 Datasheet HTML 8Page - Dallas Semiconductor DS1867-050 Datasheet HTML 9Page - Dallas Semiconductor DS1867-050 Datasheet HTML 10Page - Dallas Semiconductor DS1867-050 Datasheet HTML 11Page - Dallas Semiconductor DS1867-050 Datasheet HTML 12Page - Dallas Semiconductor DS1867-050 Datasheet HTML 13Page - Dallas Semiconductor DS1867-050 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1867
10 of 14
102199
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground (VB=GND)
-1.0V to +5.5V
Voltage on Resistor Pins when VB=-5.5V
-5.5V to +5.5V
Operating Temperature
-40° to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.5
V
Input Logic 1
VIH
2.0
VCC+0.5
V
1
Input Logic 0
VIL
-0.5
+0.8
V
1
Substrate Bias
VB
-5.5
GND
V
Resistor Inputs
L,H,W
VB
VCC+0.5
V
2
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
250
900
µA
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
Wiper Current
IW
1
mA
Logic 1 Output @2.4Volts
IOH
-1.0
mA
8
Logic 0 Output @0.4Volts
IOL
4
mA
8
Standby Current
ISTBY
250
µA
Power-Down Time
tPU
tPU1
4
2.5
ms
ms
9
10
Power Trip Point
3.9
4.2
4.5
V
Recovery Time
tREC
2
5
10
ms
11,14


Similar Part No. - DS1867-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1867 MAXIM-DS1867 Datasheet
310Kb / 14P
   Dual Digital Potentiometer with EEPROM
102199
More results

Similar Description - DS1867-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1867 MAXIM-DS1867 Datasheet
310Kb / 14P
   Dual Digital Potentiometer with EEPROM
102199
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
   Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Microchip Technology
MCP41100-I MICROCHIP-MCP41100-I Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com