Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1867-050 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1867-050
Description  Dual Digital Potentiometer with EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867-050 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1867-050 Datasheet HTML 6Page - Dallas Semiconductor DS1867-050 Datasheet HTML 7Page - Dallas Semiconductor DS1867-050 Datasheet HTML 8Page - Dallas Semiconductor DS1867-050 Datasheet HTML 9Page - Dallas Semiconductor DS1867-050 Datasheet HTML 10Page - Dallas Semiconductor DS1867-050 Datasheet HTML 11Page - Dallas Semiconductor DS1867-050 Datasheet HTML 12Page - Dallas Semiconductor DS1867-050 Datasheet HTML 13Page - Dallas Semiconductor DS1867-050 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1867
11 of 14
102199
ANALOG RESISTOR CHARACTERISTICS
(-40
°C to +85°C;V
CC= 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor Tolerance
-20
+20
%
17
Absolute Linearity
±0.75
LSB
4
Relative Linearity
±0.30
LSB
5
-3 dB Cutoff Frequency
fCUTOFF
Hz
7
Noise Figure
120
dB/(Hz)1/2
Temperature Coefficient
750
ppm/
°C
CAPACITANCE
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
3
Output Capacitance
COUT
7
pF
3
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC= 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CLK Frequency
fCLK
DC
10
MHz
15
Width of CLK Pulse
tCH
50
ns
15
Data Setup Time
tDC
30
ns
15
Data Hold Time
tCDH
10
ns
15
Propagation Delay Time
Low to High Level
Clock to Output
tPLH
70
ns
13,15
Propagation Delay Time
High to Low Level
Clock to Output
tPHL
70
ns
13,15
RST
High to Clock Input High
tCC
50
ns
15
RST
Low to Clock Input High
tHLT
50
ns
15
CLK Rise Time
tCR
50
ns
15
RST
Inactive
tRLT
200
ns
15
NONVOLATILE MEMORY CHARACTERISTICS
(-40
°C to +85°C; V
CC= 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Writes
25000
16


Similar Part No. - DS1867-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1867 MAXIM-DS1867 Datasheet
310Kb / 14P
   Dual Digital Potentiometer with EEPROM
102199
More results

Similar Description - DS1867-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1867 MAXIM-DS1867 Datasheet
310Kb / 14P
   Dual Digital Potentiometer with EEPROM
102199
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
   Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Microchip Technology
MCP41100-I MICROCHIP-MCP41100-I Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com