Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18S20Z Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS18S20Z
Description  High Precision 1-Wire Digital Thermometer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18S20Z Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS18S20Z Datasheet HTML 3Page - Dallas Semiconductor DS18S20Z Datasheet HTML 4Page - Dallas Semiconductor DS18S20Z Datasheet HTML 5Page - Dallas Semiconductor DS18S20Z Datasheet HTML 6Page - Dallas Semiconductor DS18S20Z Datasheet HTML 7Page - Dallas Semiconductor DS18S20Z Datasheet HTML 8Page - Dallas Semiconductor DS18S20Z Datasheet HTML 9Page - Dallas Semiconductor DS18S20Z Datasheet HTML 10Page - Dallas Semiconductor DS18S20Z Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DS18S20
7 of 27
ROM FUNCTIONS FLOW CHART Figure 5
CCh
SKIP ROM
COMMAND
DS18S20 TX
FAMILY CODE
1 BYTE
DS18S20 TX
SERIAL NUMBER
6 BYTES
MASTER TX
RESET PULSE
DS18S20 TX
PRESENCE
PULSE
MASTER TX ROM
FUNCTION COMMAND
33h
READ ROM
COMMAND
55h
MATCH ROM
COMMAND
F0h
SEARCH ROM
COMMAND
ECh
ALARM
SEARCH
COMMAND
ALARM
CONDITION ?
MASTER TX
BIT 0
DS18S20 TX BIT 0
DS18S20 TX BIT 0
MASTER TX BIT 0
DS18S20 TX BIT 1
DS18S20 TX BIT 1
MASTER TX BIT 1
DS18S20 TX BIT 63
DS18S20 TX BIT 63
MASTER TX BIT 63
BIT 0
MATCH?
BIT 0
MATCH?
DS18S20 TX
CRC BYTE
MASTER TX
BIT 1
BIT 1
MATCH?
BIT 1
MATCH?
BIT 63
MATCH?
BIT 63
MATCH?
MASTER TX
BIT 63
N
Y
YY
Y
Y
NN
N
N
N
NN
NN
NN
Y
Y
Y
Y
Y
Y
Y
MASTER TX MEMORY OR CONTROL
FUNCTION COMMAND


Similar Part No. - DS18S20Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18S20Z MAXIM-DS18S20Z Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20Z++ MAXIM-DS18S20Z+ Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20Z+T&R MAXIM-DS18S20Z+T&R Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20Z/T&R MAXIM-DS18S20Z/T&R Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
More results

Similar Description - DS18S20Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20 MAXIM-DS18S20 Datasheet
317Kb / 23P
   High-Precision 1-Wire Digital Thermometer
Rev 8/10
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com