Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6050AEUR-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6050AEUR-T
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6050AEUR-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6050AEUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6050AEUR-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TA = 0°C to +70°C
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6012
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN .........................................................................-0.3V to +13.5V
OUT .............................................................-0.3V to (VIN + 0.3V)
Output Short Circuit to GND or IN (VIN < 6V) ............Continuous
Output Short Circuit to GND or IN (VIN
≥ 6V) .........................60s
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23-3 (derate 4.0mW/°C above +70°C) ........320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
2.5V
≤ VIN ≤ 12.6V
Guaranteed by line-regulation test
TA = +25°C
Note 4
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
Short to IN
f = 10Hz to 10kHz
f = 0.1Hz to 10Hz
Short to GND
Sinking: -500µA
≤ IOUT ≤ 0
TA = 0°C to +70°C
TA = 0°C to +70°C
2.5V
≤ VIN ≤ 12.6V
Sourcing: 0
≤ IOUT ≤ 500µA
1000hr at TA = +25°C
CONDITIONS
µA/V
0.8
2.0
IIN/VIN
Change in Supply Current
µA
27
35
IIN
Quiescent Supply Current
V
2.5
12.6
VIN
Supply Voltage Range
nF
0
2.2
COUT
Capacitive-Load Stability Range
µs
30
tR
Turn-On Settling Time
dB
86
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
65
µVp-p
12
eOUT
Noise Voltage
ppm/
1000hr
50
∆VOUT/
time
Long-Term Stability
1.241
1.247
1.253
V
1.243
1.247
1.251
VOUT
Output Voltage
ppm
130
Temperature Hysteresis
(Note 3)
4
mA
4
ISC
OUT Short-Circuit Current
0.15
0.60
615
625
µV/V
880
∆VOUT/
∆VIN
Line Regulation
0.12
0.50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX6012A
MAX6012B
ppm/°C
VOUT
Output Voltage Temperature
Coefficient (Note 2)
∆VOUT/
∆IOUT
Load Regulation
µV/µA
-0.32
0.32
-0.48
0.48
TA = -40°C to +85°C
TA = -40°C to +85°C
MAX6012A
MAX6012B
620
630
%
V
%
OUTPUT
DYNAMIC
INPUT


Similar Part No. - MAX6050AEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6050AEUR-T MAXIM-MAX6050AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6050AEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com