Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32796E4106 Datasheet(PDF) 2 Page - EPCOS

Part # B32796E4106
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32796E4106 Datasheet(HTML) 2 Page - EPCOS

  B32796E4106 Datasheet HTML 1Page - EPCOS B32796E4106 Datasheet HTML 2Page - EPCOS B32796E4106 Datasheet HTML 3Page - EPCOS B32796E4106 Datasheet HTML 4Page - EPCOS B32796E4106 Datasheet HTML 5Page - EPCOS B32796E4106 Datasheet HTML 6Page - EPCOS B32796E4106 Datasheet HTML 7Page - EPCOS B32796E4106 Datasheet HTML 8Page - EPCOS B32796E4106 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Typical applications
Output AC filtering for power converters
UPS, solar inverters, motor drives
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1): 40/85/56
Construction
Dielectric: Polypropylene (PP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Optimized AC voltage performance
High ripple current/frequency capability
Small dimensions
For PCB mounting
Terminals
Parallel wire leads, lead-free tinned
2-pin and 4-pin versions
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, date code,
rated capacitance (coded), capacitance
tolerance (code letter), rated AC voltage
Delivery mode
Bulk (untaped, lead length 6
1 mm)
Dimensional drawings
2-pin version
4-pin version
Dimensions in mm
Version
Lead
spacing
±0.4
Lead
diameter
d1
Type
2-pin
27.5
0.8
B32794D
2-pin
37.5
1.0
B32796E/T
4-pin
37.5
1.2
B32796G
4-pin
52.5
1.2
B32798G
Metallized polypropylene film capacitors (MKP)
B32794 ... B32798
MKP AC filtering
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32796E4106

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32796E4106 EPCOS-B32796E4106 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32796E4106+000 EPCOS-B32796E4106+000 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32796E4106

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com