Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39321R903U410 Datasheet(PDF) 5 Page - EPCOS

Part # B39321R903U410
Description  Surface Acoustic Wave Components for RF Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39321R903U410 Datasheet(HTML) 5 Page - EPCOS

  B39321R903U410 Datasheet HTML 1Page - EPCOS B39321R903U410 Datasheet HTML 2Page - EPCOS B39321R903U410 Datasheet HTML 3Page - EPCOS B39321R903U410 Datasheet HTML 4Page - EPCOS B39321R903U410 Datasheet HTML 5Page - EPCOS B39321R903U410 Datasheet HTML 6Page - EPCOS B39321R903U410 Datasheet HTML 7Page - EPCOS B39321R903U410 Datasheet HTML 8Page - EPCOS B39321R903U410 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Wideband Filters
General characteristics
s Usable bandwidth
Typically 1 to 3 MHz
s Substrate
Lithium tantalate
s Passivation
ELPAS®
s Input /output impedance
50
Ω matched
s Selectivity
Suitable for systems with
IF=10.7 MHz
s Remarks
Excellent for fixed frequency
and channelized systems
s Package
DCC6C, QCC8B
Example for B3710
Outline drawings
DCC6C (ordering code:"-U410"):
QCC8B (ordering code:"-Z810"):
Main representatives
fC
Usable band-
Ordering code
Market
[MHz]
width [MHz]
312.20
2.0
B39311B3712U410
Japan
315.00
1.0
B39321B3711U410
USA
433.92
1.7
B39431B3710U410
Europe
864.00
3.0
B39861B3563U410 Europe (wireless audio)
869.00
2.0
B39871B3715U410
Europe
915.00
26.0
B39921B3588U410
USA
1575.00
2.4
B39162B3521U410
GPS worldwide
2450.00
97.0
B39252B4041U410
worldwide
OWP0289-B
–70
MHz
dB
400
420
440
460
480
–60
–50
–40
–30
–20
–10
0
3,0
1,1
OWP0285-D
4
6
1,5
3
1,5
1
3,8
1,51,0
5
7
8
OWP0286-L
3
1
0,6
Transfer function


Similar Part No. - B39321R903U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39321R981U410 EPCOS-B39321R981U410 Datasheet
30Kb / 5P
   SAW Components SAW resonator Short range devices
B39321R991H110 EPCOS-B39321R991H110 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
B39321R993H110 EPCOS-B39321R993H110 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
More results

Similar Description - B39321R903U410

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ETM-SAW01C ADVANTECH-ETM-SAW01C Datasheet
362Kb / 1P
   Surface Acoustic Wave Touch Control Board
logo
Advanced Crystal Techno...
ACTF9001 ACT-ACTF9001 Datasheet
60Kb / 4P
   surface wave acoustic (SAW) RF filter
SEPT 04
ACTQ973 ACT-ACTQ973 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW)
SEPT 04
ACTQ384 ACT-ACTQ384 Datasheet
60Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR0010 ACT-ACTR0010 Datasheet
56Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0016 ACT-ACTQ0016 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ380 ACT-ACTQ380 Datasheet
63Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434_1 Datasheet
64Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ530 ACT-ACTQ530 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ550 ACT-ACTQ550 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com